Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6275SLWTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A6275SLWTR-T
Description  8-Bit Serial Input Constant-Current Latched LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6275SLWTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A6275SLWTR-T Datasheet HTML 3Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 4Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 5Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 6Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 7Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 8Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 9Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 10Page - Allegro MicroSystems A6275SLWTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Serial-Input Constant-Current Latched LED Driver
with Open LED Detection and Dot Correction
A6275
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
Serial data present at the input is transferred to the shift
register on the logic 0-to-logic 1 transition of the CLOCK input
pulse. On succeeding CLOCK pulses, the registers shift data in-
formation towards the SERIAL DATA OUTPUT. The serial data
must appear at the input prior to the rising edge of the CLOCK
input waveform.
Information present at any register is transferred to the
respective latch when the LATCH ENABLE is high (serial-to-
s
a
a
t
a
d
w
e
n
t
p
e
c
c
a
o
t
e
u
n
i
t
n
o
c
s
e
h
c
t
a
l
e
h
T
.
)
n
o
i
s
r
e
v
n
o
c
l
e
l
l
a
r
a
p
e
r
e
h
w
s
n
o
i
t
a
c
i
l
p
p
A
.
h
g
i
h
d
l
e
h
s
i
E
L
B
A
N
E
H
C
T
A
L
e
h
t
s
a
g
n
o
l
the latches are bypassed (LATCH ENABLE tied high) will
l
a
i
r
e
s
g
n
i
r
u
d
h
g
i
h
e
b
t
u
p
n
i
E
L
B
A
N
E
T
U
P
T
U
O
e
h
t
t
a
h
t
e
r
i
u
q
e
r
data entry.
When the OUTPUT ENABLE input is high, the output sink
s
e
h
c
t
a
l
e
h
t
n
i
d
e
r
o
t
s
n
o
i
t
a
m
r
o
f
n
i
e
h
T
.
)
F
F
O
(
d
e
l
b
a
s
i
d
e
r
a
s
r
e
v
i
r
d
is not affected by the OUTPUT ENABLE input. With the OUT-
PUT ENABLE input low, the outputs are controlled by the state
.
s
e
h
c
t
a
l
e
v
i
t
c
e
p
s
e
r
r
i
e
h
t
f
o
A. Data Active Time Before Clock Pulse
(Data Set-Up Time), tsu(D) ............................. 50 ns
B. Data Active Time After Clock Pulse
(Data Hold Time), th(D) ................................. 20 ns
C. Clock Pulse Width, tw(CK) .................................. 50 ns
D.
n
o
i
t
a
v
i
t
c
A
k
c
o
l
C
n
e
e
w
t
e
B
e
m
i
T
and Latch Enable, tsu(L) ............................... 100 ns
E. Latch Enable Pulse Width, tw(L) ...................... 100 ns
F. Output Enable Pulse Width, tw(OE) ................... 4.5 s
NOTE: Timing is representative of a 10 MHz clock. Sig-
.
e
l
b
a
n
i
a
t
t
a
e
r
a
s
d
e
e
p
s
r
e
h
g
i
h
y
l
t
n
a
c
i
f
i
n
Max. Clock Transition Time, tr or tf ....................... 10 s
CLOCK
SERIAL
DATA IN
LATCH
ENABLE
OUTPUT
ENABLE
OUTN
Dwg. WP-029-1
50%
SERIAL
DATA OUT
DATA
DATA
50%
50%
50%
C
A
B
D
E
LOW = ALL OUTPUTS ENABLED
p
t
DATA
50%
p
t
LOW = OUTPUT ON
HIGH = OUTPUT OFF
OUTPUT
ENABLE
OUTN
Dwg. WP-030-1A
DATA
10%
50%
pHL
t
pLH
t
HIGH = ALL OUTPUTS DISABLED (BLANKED)
f
t
r
t
90%
F
50%


Similar Part No. - A6275SLWTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6275 ALLEGRO-A6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6275 ALLEGRO-A6275 Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA ALLEGRO-A6275EA Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
logo
List of Unclassifed Man...
A6275EA ETC2-A6275EA Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Allegro MicroSystems
A6275ELW ALLEGRO-A6275ELW Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
More results

Similar Description - A6275SLWTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276_03 Datasheet
347Kb / 14P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com