Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M71T Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M71T
Description  High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M71T Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M71T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Condition
Storage Temperature
TS
–55
+130
°C
Ambient Operating Temperature[1]
TA
–40
+125
°C
Supply Voltages
VDD
0
6.5
Volts
Output Voltage
VO
–0.5
VDD +0.5
Volts
Average Forward Input Current
IF
20.0
mA
Peak Transient Input Current
(IF at 1us pulse width, <10% duty cycle)
IF( TRAN)
1
80
A
mA
<1us Pulse Width, 300pps
<1us Pulse Width,
<10%Duty Cycle
Reverse Input Voltage
Vr
–5
V
Input Power Dissipation
PI
40
mW
Output Power Dissipation
Po
30
mW
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
+125
°C
Supply Voltages
VDD
3.0
5.5
V
Forward Input Current
IF(ON)
4.0
15
mA
Forward Off State Voltage
VF (OFF)
0.8
V
Input Threshold Current
ITH
3.5
mA


Similar Part No. - ACPL-M71T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
More results

Similar Description - ACPL-M71T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M72T-000E AVAGO-ACPL-M72T-000E Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K74T-000E BOARDCOM-ACPL-K74T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K72T-000E BOARDCOM-ACPL-K72T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100 Grade 1 Qualification
ACPL-K75T-000E BOARDCOM-ACPL-K75T-000E Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com