Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T60004-L2025-W621 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # T60004-L2025-W621
Description  NaNOcRysTallINE VITROPERM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T60004-L2025-W621 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  T60004-L2025-W621 Datasheet HTML 1Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 2Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 3Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 4Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 5Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 6Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 7Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 8Page - List of Unclassifed Manufacturers T60004-L2025-W621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
nanocrystalline chokes
• small size
• suitable for high currents
and/or high voltages
• single stage filter designs possible
• High efficiency, low power loss
• "Green“, environmentally friendly
• suitable for high and low ambient
temperatures and high operating
temperatures
• “Easy filter design”
• ul-compliant designs
• Optimized solutions for a variety
of different applications
• No operating noise
• Best suited for winding of thick wires
Features & benefits
of VITRoPeRm
High μ, high Bs
High μ, high Bs, suitable core geometries
Extremely broadband attenuation behaviour,
high permeability, low-capacitance design,
moderate reduction of μ up to high frequen-
cies, low Q-factor in 150 kHz range
Low number of turns required for high L,
reduction of filter stages
Low power loss, reduced use of material
High Curie temperature, material properties
(μ, Bs, λs) nearly independent of temperature
Material properties (μ, Bs, λs) nearly indepen-
dent of temperature, linear magnetization curve
delivers stable impedance across a broad
range of common mode currents – VAC choke
design software available
Suitable plastic materials meet UL1446 insula-
tion requirements
A range of μ levels and VITROPERM alloys
available
Material is practically magnetostriction-free
Material is practically magnetostriction-free,
coatings/casings are resistant against mecha-
nical stress
NaNOcRysTallINE VITROPERM / EMc PROducTs
5


Similar Part No. - T60004-L2025-W621

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2025-W375 VACUUMSCHMELZE-T60004-L2025-W375 Datasheet
46Kb / 2P
   Specification for Soft Magnetic Cores
More results

Similar Description - T60004-L2025-W621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com