Electronic Components Datasheet Search |
|
A3C-06DA-2DSC(71) Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
A3C-06DA-2DSC(71) Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 16 page C11 A3 • A4 Series ●2mm Pitch Miniature Connector Series Name: A3B : double row A4B : single row A3C : double row (low profile product) Number of contacts: Double row...4, 6, 8, 10, 12, 14, 16, 18, 20, 22, 24, 26, 28, 30, 32, 44, 40, 50 (44 and 50 contacts correspond to the right angle type only. Straight angle type corresponds to the A3C type.) Single row... 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16 P, PA: Pin header Contact pitch : 2mm Contact type DS : Right angle type DSA : Straight type 1 2 3 4 5 A3B - 44 D - 2 C 1 2 3 4 5 Series Name: A3B : double row A4B : single row Number of contacts: Double row...4, 6, 8, 10, 12, 14, 18, 20, 24, 26, 28, 44 Single row... 2, 3, 4, 5, 6, 7, 8, 9, 10, 12, 15, 16, 18 Contact alignment: D : double row S : single row Contact pitch : 2mm Connection type: C : crimping 1 2 3 4 5 ■Ordering Information ● Pin Header (DIP type) ● Receptacle (DIP type) ● Crimping Socket A3B - 12 P - 2 DS 1 2 3 4 5 A3 - 44 D - 2 DS 1 3 4 5 2 Note : A standoff has been added to the center portion of the connector to provide stable mounting. Series Name: A3 : double row A3C : double row A3D : double row (for FFC, FFC) (Note) Number of contacts: 3 : 44, 50 3C, 3D : 4, 6, 8, 10, 12, 14, 16, 18, 20, 24, 28, 32, 50 DA: Receptacle Contact pitch : 2mm Contact type DS: Right angle type DSA: Straight type (lead length: 3mm) DSC: Straight type (lead length: 2mm) DSE: Straight type (lead length: 1.27mm) 1 2 3 4 5 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - A3C-06DA-2DSC(71) |
|
Similar Description - A3C-06DA-2DSC(71) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |