Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T60004-L2045-W886 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # T60004-L2045-W886
Description  NaNOcRysTallINE VITROPERM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T60004-L2045-W886 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button T60004-L2045-W886 Datasheet HTML 7Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 8Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 9Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 10Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 11Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 12Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 13Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 14Page - List of Unclassifed Manufacturers T60004-L2045-W886 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
nominal core
limiting dimensions
iron cross
mean path
weight
dimensions
(incl. coating)
section
length
10 kHz
100 kHz
da x di x h
OD
ID
H
AFe
lFe
mFe
10 kHz
100 kHz
part number
mm x mm x mm
mm
mm
mm
cm2
cm
g
2,6
15,0
4,8
0,5
0,8
T60004-L2016-W620
2,6
6,0
3,9
1,1
1,7
T60004-L2016-W619
22 x 17 x 6
24,0
15,2
8,0
0,12
6,1
5,4
16,4
4,3
0,6
1,2
T60004-L2022-W867
9,9
22,5
7,2
0,7
1,4
T60004-L2025-W622
9,9
9,0
5,8
1,7
2,7
T60004-L2025-W621
30 x 25 x 15
32,3
22,7
17,5
0,27
8,6
17,4
26,5
8,5
0,9
1,7
T60004-L2030-W676
30 x 20 x 10
32,5
17,8
12,5
0,40
7,9
23,1
56,0
13,4
0,6
1,2
T60004-L2030-W911
36
32,5
10,3
1,1
2,2
T60004-L2040-W624
36
13,0
8,4
2,8
4,3
T60004-L2040-W623
45 x 32 x 15
47,3
29,8
17,8
0,71
12,1
63,3
19,7
12,8
3,0
4,6
T60004-L2045-W886
76
43,0
13,8
1,4
2,7
T60004-L2050-W626
76
17,0
11,2
3,6
5,4
T60004-L2050-W625
124
18,0
11,6
4,4
6,7
T60004-L2063-W627
124
11,5
10,4
6,9
8,7
T60004-L2063-W721
205
18,5
12,0
5,6
8,5
T60004-L2080-W628
205
11,9
10,7
8,7
11,0
T60004-L2080-W722
303
17,3
11,2
7,1
10,7
T60004-L2100-W629
303
11,2
10,0
10,9
13,8
T60004-L2100-W723
2,85
36,1
757
50,0
19,4
4,8
8,5
T60004-L2130-W567
130 x 100 x 25
134,5
95,0
28,5
2,74
36,1
727
25,4
16,5
9,0
13,6
T60004-L2130-W630
2,74
36,1
727
16,4
14,7
14,0
17,7
T60004-L2130-W587
917
20,1
13,1
11,3
17,1
T60004-L2160-W631
917
13,0
11,7
17,6
22,3
T60004-L2160-W720
1490
45,3
14,7
6,9
12,5
T60004-L2194-V105
1490
14,7
13,2
20,7
26,4
T60004-L2194-W908
25 x 20 x 10
27,3
17,5
12,3
16 x 12.5 x 6
17,8
10,7
8
0,08
4,5
0,19
7,1
0,44
11,3
0,73
14,1
40 x 32 x 15
42,3
50 x 40 x 20
52,3
37,1
22,8
29,1
17,8
17,8
83
59,5
22,8
1,24
22,5
65,5
46,6
22,8
80 x 63 x 20
100 x 80 x 20
104
0,95
63 x 50 x 20
75
23
1,46
194 x 155 x 25
200
149
28,5
28,3
160 x 130 x 25
165
125
28,5
A
saturation current
Icm**, typical
3,71
54,8
AL *
nominal
µH
2,74
45,6
sTandaRd seRIes
oF VITRoPeRm coRes
Although the epoxy resin coating is suitable for direct winding, we recommend additional insula-
tion between core and winding for enhanced insulation requirements. The epoxy resin is suitable
for continuous operational temperatures of up to 120 °C and complies with the UL94-V0 standard
(UL file number: E214934), class A (105 °C).
AFe
da di
OD
ID
h
H
AFe
da di
OD
ID
h
H
AFe
da di
OD
ID
h
H
Nanocrystalline VITROPERM cores
with epoxy resin coating
Our VITROPERM cores are available with different al-levels for many core
sizes. Thus, saturation-resistant solutions are available for various fields
of applications. common mode currents may occur as interference cur-
rents, bias currents or, primarily, unbalanced currents. If the common
mode currents exceed the saturation currents (Icm) of the cores or chokes,
cores with higher saturation resistance must be used. High al values
(high μ) are more suitable for typical single-phase applications with low
unbalanced current (e.g. switched-mode power supplies), while cores with
lower al values are often used in 3-phase applications with high unbalan-
ced currents (e.g. frequency converters with long motor cables).
11
NaNOcRysTallINE VITROPERM / EMc PROducTs


Similar Part No. - T60004-L2045-W886

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2020-W374 VACUUMSCHMELZE-T60004-L2020-W374 Datasheet
28Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2025-W375 VACUUMSCHMELZE-T60004-L2025-W375 Datasheet
46Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2030-W376 VACUUMSCHMELZE-T60004-L2030-W376 Datasheet
22Kb / 1P
   Specification for Soft Magnetic Cores
T60004-L2050-W434 VACUUMSCHMELZE-T60004-L2050-W434 Datasheet
30Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2050-W583 VACUUMSCHMELZE-T60004-L2050-W583 Datasheet
27Kb / 2P
   Specification for Soft Magnetic Cores
More results

Similar Description - T60004-L2045-W886

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com