Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T60004-L2063-W627 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # T60004-L2063-W627
Description  NaNOcRysTallINE VITROPERM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T60004-L2063-W627 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  T60004-L2063-W627 Datasheet HTML 1Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 2Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 3Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 4Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 5Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 6Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 7Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 8Page - List of Unclassifed Manufacturers T60004-L2063-W627 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
0
10
20
30
40
50
0.001
0.01
0.1
1
10
frequency [MHz]
1-phase CMC
Core: VITROPERM 500F
25 x 20 x 10mm
N = 2 x 28 turns
(0.71mm / AWG 21)
separator: 5 mm
simple winding
design, CW=21pF
HF optimized winding
design, Cw = 4pF
16dB
NF stage
HF stage
standard 2-stage EMI-Filter Optimized 1-stage EMc-Fil-
ter with VITROPERM
Our CMCs feature high attenuation which is
maintained across a wide frequency range offe-
ring extremely broadband attenuation. In many
cases, this characteristic can allow a reduction
of the number of filter stages in multistage EMC
filter configurations to reduce complexity, cost
and filter volume. Ohmic (copper) losses are
also reduced increasing the efficiency and lowe-
ring component temperature.
VACUUMSCHMELZE has extensive practical and theo-
retical expertise in the design of CMCs and filter confi-
guration using nanocrystalline cores and components.
At higher frequencies, the winding configuration has a
major effect on the parameters of winding capacitance
and leakage inductance and is therefore carefully con-
sidered in our choke designs. Figure 4 shows a compa-
rison of insertion loss for two chokes which differ only
in their winding configuration (core material, number of
turns and wire thickness are identical in both cases).
This illustrates how our design expertise can improve
filter efficiency, maximize reliability and reduce costs.
Nanocrystalline cores are widely used in common mode choke (cMc) applications due to their unique
combination of properties. By utilising low-cost raw materials (Fe-based) and modern, large-scale pro-
duction, VITROPERM is a very competitive solution for a wide range of applications. Key areas of appli-
cation are:
common mode
• switched-mode
power supplies (sMPs)
• solar inverters
• Frequency converters
• EMc filters
• Welding equipment
• Wind generators
• Induction hobs
• automotive applications
• uninterruptable
power supplies (uPs)
Fig. 3: Nanocrystalline chokes allow a reduction of filter stages
Fig. 4 : Optimized choke design: improved attenuation of up to 16 dB (or more) at 4 MHz.
chokes &
tape-wound cores
4
NaNOcRysTallINE VITROPERM / EMc PROducTs


Similar Part No. - T60004-L2063-W627

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2063-W435 VACUUMSCHMELZE-T60004-L2063-W435 Datasheet
26Kb / 2P
   Specification for Soft Magnetic Cores
More results

Similar Description - T60004-L2063-W627

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com