Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD421BRZRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD421BRZRL
Description  Loop-Powered 4 mA to 20 mA DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD421BRZRL Datasheet(HTML) 3 Page - Analog Devices

  AD421BRZRL Datasheet HTML 1Page - Analog Devices AD421BRZRL Datasheet HTML 2Page - Analog Devices AD421BRZRL Datasheet HTML 3Page - Analog Devices AD421BRZRL Datasheet HTML 4Page - Analog Devices AD421BRZRL Datasheet HTML 5Page - Analog Devices AD421BRZRL Datasheet HTML 6Page - Analog Devices AD421BRZRL Datasheet HTML 7Page - Analog Devices AD421BRZRL Datasheet HTML 8Page - Analog Devices AD421BRZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AD421
–3–
REV. C
TIMING CHARACTERISTICS1, 2, 3
Parameter
(B Versions)
Units
Conditions/Comments
tCK
100
ns min
Data Clock Period
tCL
50
ns min
Data Clock Low Time
tCH
50
ns min
Data Clock High Time
tDW
30
ns min
Data Stable Width
tDS
30
ns min
Data Setup Time
tDH
0
ns min
Data Hold Time
tLD
50
ns min
Latch Delay Time
tLL
50
ns min
Latch Low Time
tLH
50
ns min
Latch High Time
NOTES
1Guaranteed by characterization at initial product release, not production tested.
2See Figures 1 and 2.
3All input signals are specified with tr = tf = 5 ns (10% to 90% of V
CC ) and timed from a voltage level of (VIN + VIL )/2; tr and tf should not exceed 1
µs on any digital
input.
Specifications subject to change without notice.
WORD "N"
WORD "N +1"
10
1
1
1 1
11
1
1
00
0
0
0
0
1
0
0
1
CLOCK
DATA
LATCH
Figure 1. Serial Interface Waveforms (Normal Data Load)
CLOCK
DATA
LATCH
t
CK
t
CL
t
CH
t
DS
t
DH
t
DW
t
LD
t
LL
t
LH
Figure 2. Serial Interface Timing Diagram
(VCC = +3 V to +5 V, TA = TMIN to TMAX unless otherwise noted)


Similar Part No. - AD421BRZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421BRZ AD-AD421BRZ Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results

Similar Description - AD421BRZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
CN-0267 AD-CN-0267 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com