Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD581TH Datasheet(PDF) 7 Page - Analog Devices

Part # AD581TH
Description  High Precision 10 V IC Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581TH Datasheet(HTML) 7 Page - Analog Devices

Back Button AD581TH Datasheet HTML 3Page - Analog Devices AD581TH Datasheet HTML 4Page - Analog Devices AD581TH Datasheet HTML 5Page - Analog Devices AD581TH Datasheet HTML 6Page - Analog Devices AD581TH Datasheet HTML 7Page - Analog Devices AD581TH Datasheet HTML 8Page - Analog Devices AD581TH Datasheet HTML 9Page - Analog Devices AD581TH Datasheet HTML 10Page - Analog Devices AD581TH Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD581
Rev. C | Page 7 of 12
The error band which is guaranteed with the AD581 is the
maximum deviation from the initial value at +25°C; this error
band is of more use to a designer than one which simply guarantees
the maximum total change over the entire range (that is, in the
latter definition, all of the changes could occur in the positive
direction). Thus, with a given grade of the AD581, the designer
can easily determine the maximum total error from initial toler-
ance plus temperature variation (for example, for the AD581T, the
initial tolerance is ±10 mV, the temperature error band is ±15 mV,
thus the unit is guaranteed to be 10.000 V ±25 mV from −55°C
to +125°C).
OUTPUT CURRENT CHARACTERISTICS
The AD581 has the capability to either source or sink current
and provide good load regulation in either direction, although
it has better characteristics in the source mode (positive current
into the load). The circuit is protected for shorts to either positive
supply or ground. The output voltage vs. output current charac-
teristics of the device are shown in Figure 6. Source current
is displayed as negative current in the figure; sink current is
positive. Note that the short-circuit current (that is, 0 V output)
is about 28 mA; when shorted to +15 V, the sink current goes to
about 20 mA.
–20
–15
–10
–5
0
5
10
15
20
14
12
10
8
6
4
2
0
OUTPUT CURRENT (mA)
SOURCE
SINK
+VS = 15V
TA = 25°C
Figure 6. Output Voltage vs. Sink and Source Current
DYNAMIC PERFORMANCE
Many low power instrument manufacturers have been in-
creasingly concerned with the turn-on characteristics of the
components used in their systems. Fast turn-on components often
enable the end user to keep power off when not needed, and yet
respond quickly when the power is turned on for operation.
Figure 7 displays the turn-on characteristic of the AD581. This
characteristic is generated from a cold start operation and repre-
sents the true turn-on waveform after an extended period with
the supplies off. The figure shows both the coarse and fine transient
characteristics of the device; the total settling time to within
±10 mV is about 180 μs, and there is no long thermal tail
appearing after the point.
0
50
100 150 200 250
12V
11V
10V
20V
10V
0V
10.03V
10.02V
10.01V
10.00V
SETTLING TIME (µs)
Figure 7. Output Settling Characteristic
1000
1
10
1M
FREQUENCY (Hz)
100
1k
10k
100k
10
100
NOISE SPECTRAL DENSITY (nV/ Hz)
TOTAL NOISE (µV rms) UP
TO SPECIFIED FREQUENCY
Figure 8. Spectral Noise Density and Total rms Noise vs. Frequency
1000
500
TEMPERATURE (°C)
–50
–55
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100 110 120 125
900
800
700
600
1.5µA/°C
Figure 9. Quiescent Current vs. Temperature


Similar Part No. - AD581TH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD581TH AD-AD581TH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581TH1 AD-AD581TH1 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results

Similar Description - AD581TH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com