Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD581UH Datasheet(PDF) 4 Page - Analog Devices

Part # AD581UH
Description  High Precision 10 V IC Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581UH Datasheet(HTML) 4 Page - Analog Devices

  AD581UH Datasheet HTML 1Page - Analog Devices AD581UH Datasheet HTML 2Page - Analog Devices AD581UH Datasheet HTML 3Page - Analog Devices AD581UH Datasheet HTML 4Page - Analog Devices AD581UH Datasheet HTML 5Page - Analog Devices AD581UH Datasheet HTML 6Page - Analog Devices AD581UH Datasheet HTML 7Page - Analog Devices AD581UH Datasheet HTML 8Page - Analog Devices AD581UH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD581
Rev. C | Page 4 of 12
Table 2.
Model
AD581S
AD581T
AD581U
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
OUTPUT VOLTAGE TOLERANCE
(Error from Nominal 10,000 V Output)
±30
±10
±5
mV
OUTPUT VOLTAGE CHANGE
Maximum Deviation from +25°C
±30
±15
±10
mV
Value, TMIN to TMAX
Temperature Coefficient
30
15
10
ppm/°C
LINE REGULATION
15 V ≤ VIN ≤ 30 V
3.0
3.0
3.0
mV
(0.002)
(0.002)
(0.002)
%/V
13 V ≤ VIN ≤ 15 V
1.0
1.0
1.0
mV
(0.005)
(0.005)
(0.005)
%/V
LOAD REGULATION
0 ≤ IOUT ≤ 5 mA
200
500
200
500
200
500
μV/mA
QUIESCENT CURRENT
0.75
1.0
0.75
1.0
0.75
1.0
mA
TURN-ON SETTLING TIME TO 0.1%1
200
200
200
μs
NOISE (0.1 Hz TO 10 Hz)
40
40
40
μV (p-p)
LONG-TERM STABILITY
25
25
25
ppm/1000 hr
SHORT-CIRCUIT CURRENT
30
30
30
mA
OUTPUT CURRENT
Source @ +25°C
10
10
10
mA
Source TMIN to TMAX
5
5
5
mA
Sink TMIN to TMAX
200
200
200
μA
Sink −55°C to +85°C
5
5
5
mA
TEMPERATURE RANGE
Specified
−55
+125
−55
+125
−55
+125
°C
Operating
−65
+150
−65
+150
−65
+150
°C
PACKAGE OPTION2
TO-5 (H-03B)
AD581SH
AD581TH
AD581UH
1 See Figure 7.
2 H indicates hermetic metal can.


Similar Part No. - AD581UH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD581UH AD-AD581UH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581UH1 AD-AD581UH1 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results

Similar Description - AD581UH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com