Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD780BR-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD780BR-REEL7
Description  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780BR-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD780BR-REEL7 Datasheet HTML 4Page - Analog Devices AD780BR-REEL7 Datasheet HTML 5Page - Analog Devices AD780BR-REEL7 Datasheet HTML 6Page - Analog Devices AD780BR-REEL7 Datasheet HTML 7Page - Analog Devices AD780BR-REEL7 Datasheet HTML 8Page - Analog Devices AD780BR-REEL7 Datasheet HTML 9Page - Analog Devices AD780BR-REEL7 Datasheet HTML 10Page - Analog Devices AD780BR-REEL7 Datasheet HTML 11Page - Analog Devices AD780BR-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
AD780
Rev. F | Page 9 of 12
AD780
4
+VIN
2
6
1
µF
VOUT
249
VL
VOUT
0V
Figure 16. Transient Resistive Load Test Circuit
0mA
10mA
10
µs/DIV
ILOAD
VOUT (CL = 0pF)
Figure 17. Settling under Transient Resistive Load
The dynamic load may be resistive and capacitive. For example,
the load may be connected via a long capacitive cable. Figure 18
and Figure 19 show the performance of the AD780 driving a
1000 pF, 0 mA to 10 mA load.
AD780
4
+VIN
2
6
1
µF
VOUT
249
VL
VOUT
0V
CL
1000pF
Figure 18. Capacitive Load Transient Response Test Circuit
0mA
10mA
10
µs/DIV
ILOAD
VOUT
(CL = 1000pF)
Figure 19. Settling under Dynamic Capacitive Load
LINE REGULATION
Line regulation is a measure of change in output voltage due to
a specified change in input voltage. It is intended to simulate
worst-case unregulated supply conditions and is measured in
µV/V. Figure 20 shows typical performance with 4.0 V < VIN <
15.0 V.
200
100
0
–100
–200
4
15
10
INPUT VOLTAGE (V)
T = 25
°C
Figure 20. Output Voltage Change vs. Input Voltage
PRECISION REFERENCE FOR HIGH RESOLUTION
5 V DATA CONVERTERS
The AD780 is ideally suited to be the reference for most 5 V
high resolution ADCs. The AD780 is stable under any
capacitive load, has superior dynamic load performance, and its
3.0 V output provides the converter with the maximum
dynamic range without requiring an additional and expensive
buffer amplifier. One of the many ADCs that the AD780 is
suited for is the AD7884, a 16-bit, high speed sampling ADC
(see Figure 21). This part previously needed a precision 5 V
reference, resistor divider, and buffer amplifier to do this
function.


Similar Part No. - AD780BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780BR-REEL7 AD-AD780BR-REEL7 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BR-REEL7 AD-AD780BR-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

Similar Description - AD780BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com