Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7091RBCPZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7091RBCPZ-RL7
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091RBCPZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7091RBCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 MSPS, Ultralow Power,
12-Bit ADC in 10-Lead LFCSP and MSOP
Data Sheet
AD7091R
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate of 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Logic voltage VDRIVE of 1.65 V to 5.25 V
INL of ±1 LSB maximum
Analog input range of 0 V to VREF
Ultralow power
349 µA typical at 3 V and 1 MSPS
264 nA typical at 3 V in power-down mode
Internal 2.5 V reference, ±4.5 ppm/°C typical drift
Wide input bandwidth
Flexible power/throughput rate management
High speed serial interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
BUSY indicator
Power-down mode
10-lead, 3 mm × 2 mm LFCSP and 10-lead MSOP packages
Temperature range of −40°C to +125°C
APPLICATIONS
Battery-powered systems
Handheld meters
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
Optical sensors
Diagnostic/monitoring functions
Energy harvesting
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
Figure 2. Power vs. Throughput Rate
GENERAL DESCRIPTION
The AD7091R is a 12-bit successive approximation analog-to-
digital converter (ADC) that offers ultralow power consumption
(typically 349 µA at 3 V and 1 MSPS) while achieving fast
throughput rates (1 MSPS with a 50 MHz SCLK). Operating
from a single 2.7 V to 5.25 V power supply, the part contains a
wide bandwidth track-and-hold amplifier that can handle input
frequencies in excess of 7 MHz. The AD7091R also features an
on-chip conversion clock, accurate reference, and high speed
serial interface.
The conversion process and data acquisition are controlled using
a CONVST signal and an internal oscillator. The AD7091R has
a serial interface that allows data to be read after the conversion
while achieving a 1 MSPS throughput rate.
The AD7091R uses advanced design and process techniques to
achieve very low power dissipation at high throughput rates. An
on-chip, accurate 2.5 V reference is available.
PRODUCT HIGHLIGHTS
1. Lowest Power 12-Bit SAR ADC Available.
2. On-Chip, Accurate 2.5 V Reference.
3. High Throughput Rate with Ultralow Power Consumption.
4. Flexible Power/Throughput Rate Management.
Average power scales with the throughput rate. Power-down
mode allows the average power consumption to be reduced
when the device is not performing a conversion.
5. Single Supply Operation with VDRIVE Function.
The AD7091R operates from a single 2.7 V to 5.25 V supply.
The VDRIVE function allows the serial interface to connect
directly to 1.8 V to 3.3 V processors.
2.5V
REF
CONVERSION
CONTROL LOGIC
GND
CLK
OSC
VIN
REGCAP
VDD
12-BIT
SAR
SERIAL
INTERFACE
SDO
AD7091R
SCLK
CS
VDRIVE
CONVST
T/H
REFIN/REFOUT
0
100
200
300
400
500
600
700
800
900
1000
1100
0
200
400
600
800
1000
THROUGHPUT RATE (kSPS)
VDD
VDRIVE
VDD = VDRIVE = 3V
VDD = VDRIVE = 3V


Similar Part No. - AD7091RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091RBCPZ-RL7 AD-AD7091RBCPZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

Similar Description - AD7091RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com