Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8044AR-14 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8044AR-14
Description  Quad 150 MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044AR-14 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8044AR-14 Datasheet HTML 5Page - Analog Devices AD8044AR-14 Datasheet HTML 6Page - Analog Devices AD8044AR-14 Datasheet HTML 7Page - Analog Devices AD8044AR-14 Datasheet HTML 8Page - Analog Devices AD8044AR-14 Datasheet HTML 9Page - Analog Devices AD8044AR-14 Datasheet HTML 10Page - Analog Devices AD8044AR-14 Datasheet HTML 11Page - Analog Devices AD8044AR-14 Datasheet HTML 12Page - Analog Devices AD8044AR-14 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
4
0
–4
3
2
1
–1
–2
–3
–5
1M
10M
100M
FREQUENCY (Hz)
+85 C
+25 C
–40 C
VS = +5V
RL = 2k TO 2.5V
CL = 5pF
G = +1
VO = 0.2V p-p
Figure 16. Closed-Loop Frequency Response
vs. Temperature
6
2
–3
100k
5
4
3
1
0
–1
–2
–4
1M
10M
100M
FREQUENCY (Hz)
G = +1
RL = 2k
CL = 5pF
VO = 0.2V p-p
+3V
+5V
5V
+3V
+5V
5V
Figure 17. Closed-Loop Frequency Response vs. Supply
0.01
100
10
1
0.1
0.03
500
0.1
110
100
FREQUENCY (MHz)
RBT = 50
RBT = 0
VOUT
RBT
G = +1
VS = +5V
Figure 18. Output Resistance vs. Frequency
INPUT STEPS (V p-p)
60
0
40
30
20
10
50
70
0.5
2
1
1.5
VS = +3V, 1%
VS = +3V, 0.1%
VS = +5V, 1% AND
VS = 5V, 1%
VS = +5V, 0.1% AND
VS = 5V, 0.1%
G = –1
RL = 2k
Figure 19. Settling Time vs. Input Step
0
–40
–80
–10
–20
–30
–50
–60
–70
0.03
110
100
FREQUENCY (MHz)
500
0.1
VS = 5V
VS = +3V
Figure 20. CMRR vs. Frequency
LOAD CURRENT (mA)
1.00
0.500
0.00
0.875
0.750
0.250
0.125
0.625
0.375
030
36
9
12
15
1821
24
27
VS = +5V
+5V –VOH (+25 C)
+5V –VOH (–55 C)
+5V –VOH (+125 C)
VOL (+125 C)
VOL (+25 C)
VOL (–55 C)
Figure 21. Output Saturation Voltage vs. Load Current
AD8044
REV. B
–8–


Similar Part No. - AD8044AR-14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044AR-14 AD-AD8044AR-14 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14-REEL AD-AD8044AR-14-REEL Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

Similar Description - AD8044AR-14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR AD-AD8044AR Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com