Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1E200AH Datasheet(PDF) 3 Page - Rohm

Part # RS1E200AH
Description  Nch 30V 20A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RS1E200AH Datasheet(HTML) 3 Page - Rohm

  RS1E200AH Datasheet HTML 1Page - Rohm RS1E200AH Datasheet HTML 2Page - Rohm RS1E200AH Datasheet HTML 3Page - Rohm RS1E200AH Datasheet HTML 4Page - Rohm RS1E200AH Datasheet HTML 5Page - Rohm RS1E200AH Datasheet HTML 6Page - Rohm RS1E200AH Datasheet HTML 7Page - Rohm RS1E200AH Datasheet HTML 8Page - Rohm RS1E200AH Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RS1E200AH
           
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
3100
-
pF
Output capacitance
Coss
VDS = 15V
-
290
-
Reverse transfer capacitance
Crss
f = 1MHz
-
190
-
Turn - on delay time
td(on)*3
VDD 15V,VGS = 10V
-
21
-
ns
Rise time
tr*3
ID = 10A
-
4.9
-
Turn - off delay time
td(off)*3
RL = 1.5Ω
-
105
-
Fall time
tf*3
RG = 10Ω
-
26
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*3
VDD 15V
ID = 20A
VGS = 10V
-
55
-
nC
VGS = 4.5V
-
25
-
Gate - Source charge
Qgs*3
-
9.5
-
Gate - Drain charge
Qgd*3
-
6.5
-
l
lBody diode electirical characteristics (Source-Drain) (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Body diode continuous
forward current
IS
Ta = 25
-
-
2.5
A
Body diode
pulse current
ISP*1
-
-
80
Forward voltage
VSD*3
VGS = 0V, IS = 2.5A
-
-
1.2
V
                                                   
 
                                     
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
3/11
20140311 - Rev.001


Similar Part No. - RS1E200AH

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1E200BN ROHM-RS1E200BN Datasheet
2Mb / 12P
   Nch 30V 20A Middle Power MOSFET
RS1E200GN ROHM-RS1E200GN Datasheet
2Mb / 14P
   Nch 30V 57A Power MOSFET
More results

Similar Description - RS1E200AH

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1E200BN ROHM-RS1E200BN Datasheet
2Mb / 12P
   Nch 30V 20A Middle Power MOSFET
SH8KA4 ROHM-SH8KA4 Datasheet
2Mb / 15P
   30V NchNch Power MOSFET
HS8K11 ROHM-HS8K11 Datasheet
3Mb / 19P
   30V NchNch Power MOSFET
QH8KA1 ROHM-QH8KA1 Datasheet
2Mb / 12P
   30V NchNch Power MOSFET
HP8KA1 ROHM-HP8KA1 Datasheet
2Mb / 14P
   30V NchNch Power MOSFET
SP8K2HZG ROHM-SP8K2HZG Datasheet
2Mb / 14P
   30V NchNch Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com