Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD73322ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD73322ARZ
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD73322ARZ Datasheet HTML 2Page - Analog Devices AD73322ARZ Datasheet HTML 3Page - Analog Devices AD73322ARZ Datasheet HTML 4Page - Analog Devices AD73322ARZ Datasheet HTML 5Page - Analog Devices AD73322ARZ Datasheet HTML 6Page - Analog Devices AD73322ARZ Datasheet HTML 7Page - Analog Devices AD73322ARZ Datasheet HTML 8Page - Analog Devices AD73322ARZ Datasheet HTML 9Page - Analog Devices AD73322ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
AD73322
–6–
REV. B
AD73322A
P
arameter
Min
Typ
Max
Units
Test Conditions/Comments
DIGITAL GAIN TAP
Gain at Maximum Setting
+1
V
Gain at Minimum Setting
–1
V
Gain Resolution
16
Bits
Tested to 5 MSBs of Settings
Delay
25
µs
Includes DAC Delay
Settling Time
100
µs
Tap Gain Change from –FS to +FS; Includes
DAC Settling Time
DAC SPECIFICATIONS
5VEN = 1
Maximum Voltage Output Swing
2
Single-Ended
3.156
V p-p
PGA = 6 dB
3.17
dBm
Max Output = (3.156/2.4)
× VREFCAP
Differential
6.312
V p-p
PGA = 6 dB
9.19
dBm
Max Output = 2
× ([3.156/2.4] × VREFCAP)
Nominal Voltage Output Swing (0 dBm0)
Single-Ended
2.1908
V p-p
PGA = 6 dB
0
dBm
Differential
4.3918
V p-p
PGA = 6 dB
6.02
dBm
Output Bias Voltage
2.4
V
REFOUT Unloaded
Absolute Gain
+0.4
dB
1.0 kHz, 0 dBm0; Unloaded
Gain Tracking Error
±0.1
dB
1.0 kHz, +3 dBm0 to –50 dBm0
Signal to (Noise + Distortion) at 0 dBm0
Refer to Figure 8
PGA = 6 dB
77
dB
300 Hz to 3400 Hz; fSAMP = 64 kHz
Total Harmonic Distortion at 0 dBm0
PGA = 6 dB
–80
dB
300 Hz to 3400 Hz; fSAMP = 64 kHz
Intermodulation Distortion
–85
dB
PGA = 0 dB
Idle Channel Noise
–85
dBm0
PGA = 0 dB
Crosstalk
DAC-to-ADC
–90
dB
ADC Input Signal Level: AGND; DAC
Output Signal Level: 1.0 kHz, 0 dBm0;
Input Amplifiers Bypassed
–77
dB
Input Amplifiers Included In Input Channel
DAC-to-DAC
–100
dB
DAC1 Output Signal Level: AGND; DAC2
Output Signal Level: 1.0 kHz, 0 dBm0
Power Supply Rejection
–65
dB
Input Signal Level at AVDD and DVDD
Pins: 1.0 kHz, 100 mV p-p Sine Wave
Group Delay
4, 5
25
µs
Interpolator Bypassed
50
µs
Output DC Offset
2, 7
+12
mV
Minimum Load Resistance, RL
2, 8
Single-Ended
150
Differential
150
Maximum Load Capacitance, CL
2, 8
Single-Ended
500
pF
Differential
100
pF
FREQUENCY RESPONSE
(ADC and DAC)
9 Typical Output
Frequency (Normalized to FS)
00
dB
0.03125
–0.1
dB
0.0625
–0.25
dB
0.125
–0.6
dB
0.1875
–1.4
dB
0.25
–2.8
dB
0.3125
–4.5
dB
0.375
–7.0
dB
0.4375
–9.5
dB
> 0.5
< –12.5
dB


Similar Part No. - AD73322ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322AR AD-AD73322AR Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

Similar Description - AD73322ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com