Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9051BRSZ-2V Datasheet(PDF) 6 Page - Analog Devices

Part # AD9051BRSZ-2V
Description  10-Bit, 60 MSPS A-D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9051BRSZ-2V Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9051BRSZ-2V Datasheet HTML 2Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 3Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 4Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 5Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 6Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 7Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 8Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 9Page - Analog Devices AD9051BRSZ-2V Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
REV.
AD9051
–6–
CLOCK RATE – MSPS
255
15
15
250
245
240
235
230
225
220
215
210
20
25
30
35
40
45
50
55
60
TPC 1. Power Dissipation vs. Clock Rate
FREQUENCY – MHz
60
50
0
90
10
20
30
40
50
60
70
80
59
55
53
52
51
58
57
54
56
SNR @ 40MSPS
SINAD @ 40MSPS
SINAD @ 60MSPS
SNR @ 60MSPS
TPC 2. SNR/SINAD vs. AIN Frequency
FREQUENCY – MHz
–50
–100
0
90
10
20
30
40
50
60
70
80
–55
–75
–85
–90
–95
–60
–65
–80
–70
2ND @ 40MSPS
2ND @ 60MSPS
3RD @ 60MSPS
3RD @ 40MSPS
TPC 3. Harmonics vs. AIN Frequency
ANALOG INPUT FREQUENCY – MHz
0
1
–1
–4
–6
201
–3
–5
–2
40
52
80
118
141
BWSEL ENABLED
BWSEL DISABLED
TPC 4. ADC Gain vs. AIN Frequency
TEMPERATURE – C
59
–40
57.5
56
55
65
ENCODE = 40MSPS
56.5
55.5
57
45
25
0
–20
ENCODE = 60MSPS
85
58.5
58
AIN = 10.3MHz
TPC 5. SNR vs. Temperature
ENCODE – MSPS
60
5
59
56
50
70
57
51
58
40
30
20
10
55
52
53
54
50
60
AIN = 10.3MHz
TPC 6. SNR vs. Clock Rate
C


Similar Part No. - AD9051BRSZ-2V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051BRSZ-2V AD-AD9051BRSZ-2V Datasheet
686Kb / 12P
   A/D Converter
More results

Similar Description - AD9051BRSZ-2V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9020 AD-AD9020 Datasheet
204Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com