Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1166ASUZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1166ASUZ-REEL
Description  Super Sequencer with Margining Control and Nonvolatile Fault Recording
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1166ASUZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1166ASUZ-REEL Datasheet HTML 4Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 5Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 6Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 7Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 8Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 9Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 10Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 11Page - Analog Devices ADM1166ASUZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADM1166
Rev. 0 | Page 8 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADM1166
TOP VIEW
(Not to Scale)
VX1
VX2
VX3
VX4
VX5
VP1
VP2
VP3
VP4
VH
PDO1
NOTE
1. EXPOSED PAD SHOULD BE SOLDERED
TO THE BOARD FOR IMPROVED
MECHANICAL STABILITY.
PDO2
PDO3
PDO4
PDO5
PDO6
PDO7
PDO8
PDO9
PDO10
Figure 3. 40-Lead LFCSP Pin Configuration
NC = NO CONNECT
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
NC
1
VX1
2
VX2
3
VX3
4
VX4
5
VX5
6
VP1
7
VP2
8
VP3
9
VP4 10
VH 11
NC 12
NC
36
PDO1
35
PDO2
34
PDO3
33
PDO4
32
PDO5
31
PDO6
30
PDO7
29
PDO8
28
PDO9
27
PDO10
26
NC
25
ADM1166
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. 48-Lead TQFP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
40-Lead
LFCSP
48-Lead
TQFP
Mnemonic
Description
1, 12, 13, 24,
25, 36, 37, 48
NC
No Connect.
1 to 5
2 to 6
VX1 to VX5 (VXx)
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to
1.375 V. Alternatively, these pins can be used as general-purpose digital inputs.
6 to 9
7 to 10
VP1 to VP4 (VPx)
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the
input attenuation on a potential divider connected to these pins, the output of which
connects to a supply fault detector. These pins allow thresholds from 2.5 V to 6.0 V, from
1.25 V to 3.00 V, and from 0.573 V to 1.375 V.
10
11
VH
High Voltage Input to Supply Fault Detectors. Two input ranges can be set by altering the
input attenuation on a potential divider connected to this pin, the output of which connects
to a supply fault detector. This pin allows thresholds from 6.0 V to 14.4 V and from 2.5 V to 6.0 V.
11
14
AGND1
Ground Return for Input Attenuators.
12
15
REFGND1
Ground Return for On-Chip Reference Circuits.
13
16
REFIN
Reference Input for ADC. Nominally, 2.048 V. This pin must be driven by a reference voltage.
The on-board reference can be used by connecting the REFOUT pin to the REFIN pin.
14
17
REFOUT
Reference Output, 2.048 V. Typically connected to REFIN. Note that the capacitor must be
connected between this pin and REFGND. A 10 μF capacitor is recommended for this purpose.
15 to 20
18 to 23
DAC1 to DAC6
Voltage Output DACs. These pins default to high impedance at power-up.
21 to 30
26 to 35
PDO10 to PDO1
Programmable Driver Outputs.
31
38
PDOGND1
Ground Return for Driver Outputs.
32
39
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between
this pin and GND. A 10 μF capacitor is recommended for this purpose.
33
40
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
34
41
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
35
42
SCL
SMBus Clock Pin. Bidirectional, open-drain pin that requires external resistive pull-up.
36
43
SDA
SMBus Data Pin. Bidirectional, open-drain pin that requires external resistive pull-up.
37, 38
44, 45
AUX2, AUX1
Auxiliary, Single-Ended ADC Inputs.


Similar Part No. - ADM1166ASUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results

Similar Description - ADM1166ASUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
   Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com