Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7630-TR Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7630-TR
Description  One-Chip Bluetooth SoC LaserStream Navigation Sensor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7630-TR Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7630-TR Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630-TR Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
Refer to Figure 7 and Table 2 for the recommended solder reflow profile for PCB using Pb-free solder paste LF310.
Table 2. Recommended Solder Reflow Profile
Description
Specification
Max Ramp-Up Rate,
3°C/sec
Max Ramp-Down Rate,
6°C /sec
Preheat temperature minimum, Tsmin
150°C
Preheat temperature maximum, Tsmax
200°C
Preheat Duration(Tsmin to Tsmax), ts
60-120 sec
Liquidus Temperature, TL
220°C
Time Above Reflow (TL=220°C), t
30-90 sec
Peak Temperature, Tp
250°C
Time within 5°C of the specified classification temperature (Tc=250°C ), tp
10 sec
Time 25°C to peak temperature
8 mins maximum
Figure 7. Solder Reflow Profile for PCB
Critical and Non-critical Areas of QFN Soldering
As ADNS-7630 is a QFN package, it is designed to be a con-
tact-down package. Refer to Figure 7 and 8 on the critical
and non-critical areas for QFN soldering. The critical area
for soldering ADNS-7630 is on the terminal undersides,
while the terminal sides are deemed as non-critical area,
and thus not intended to be wettable. The non-wetting
of the terminal sides are due to exposed copper on the
package side (which is expected and accepted), occurred
after the singulation step, which is a standard process in
QFN assembly. This is inline with the Industry Standard
(for more information, please refer to IPC-A-610D: Accept-
ability of Electronics Assemblies).
Figure 8. Critical and Non-critical areas (Bottom view)
Preheat Area
Time 25°C to Peak
Time (second)
TP
TL
25
Tsmax
Tsmin
Max. Ramp - Up Rate = 3°C/sec
Max Ramp - Down Rate = 6°C/sec
ts
t
tp
Tc -5°C
Terminal Undersides
(Critical area)
Terminal Sides
(Non-critical area)


Similar Part No. - ADNS-7630-TR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNS-7630-TR BOARDCOM-ADNS-7630-TR Datasheet
658Kb / 48P
   One-Chip Bluetooth짰 SoC LaserStream??Navigation Sensor
More results

Similar Description - ADNS-7630-TR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNS-7630 BOARDCOM-ADNS-7630 Datasheet
658Kb / 48P
   One-Chip Bluetooth짰 SoC LaserStream??Navigation Sensor
ADNK-7630 BOARDCOM-ADNK-7630 Datasheet
115Kb / 1P
   One-Chip Bluetooth짰 SoC LaserStreamTM Navigation Sensor
ADNK-7700 BOARDCOM-ADNK-7700 Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7700 AVAGO-ADNK-7700 Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com