Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584T4C1 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1584T4C1
Description  Barre d alimentation robuste
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1584T4C1 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1584T4C1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1584T4C1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1584H6B1RA
1584T6B1RA
2.33
2.13
16.51
6
5-15R
Yes
15
Straight
5-15P
1584H6C1
1584T6C1
2.33
2.12
13.36
6
5-15R
No
6
Locking
L5-15P
1584H6C1RA
1584T6C1RA
2.33
2.13
16.51
6
5-15R
Yes
6
Locking
L5-15P
1584H6D1
1584T6D1
2.33
2.12
13.36
6
5-15R
No
15
Locking
L5-15P
1584H6D1RA
1584T6D1RA
2.33
2.13
16.51
6
5-15R
Yes
15
Locking
L5-15P
1584H7A 1
1584T7A 1
2.33
2.12
16.51
7
5-15R
No
6
Straight
5-15P
1584H7B1
1584T7B1
2.33
2.12
16.51
7
5-15R
No
15
Straight
5-15P
1584H7C1
1584T7C1
2.33
2.12
16.51
7
5-15R
No
6
Locking
L5-15P
1584H7D1
1584T7D1
2.33
2.12
16.51
7
5-15R
No
15
Locking
L5-15P
1584H8A 1
1584T8A 1
2.33
2.12
16.51
8
5-15R
No
6
Straight
5-15P
1584H8B1
1584T8B1
2.33
2.12
16.51
8
5-15R
No
15
Straight
5-15P
1584H8C1
1584T8C1
2.33
2.12
16.51
8
5-15R
No
6
Locking
L5-15P
1584H8D1
1584T8D1
2.33
2.12
16.51
8
5-15R
No
15
Locking
L5-15P
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1584T4C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584T4C1 HAMMOND-1584T4C1 Datasheet
143Kb / 1P
   Black Painted Steel
1584T4C1 HAMMOND-1584T4C1 Datasheet
143Kb / 1P
   Black Painted Steel
1584T4C1RA HAMMOND-1584T4C1RA Datasheet
201Kb / 1P
   Black Painted Steel
1584T4C1RA HAMMOND-1584T4C1RA Datasheet
201Kb / 1P
   Black Painted Steel
More results

Similar Description - 1584T4C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1582 HAMMOND-1582 Datasheet
71Kb / 2P
   Barre d alimentation pour montage horizontal sur b창ti
1583 HAMMOND-1583 Datasheet
90Kb / 3P
   Barre d alimentation pour montage horizontal sur b창ti
1581C6 HAMMOND-1581C6 Datasheet
62Kb / 1P
   Cordons d alimentation pour accessoires
HDSSWJ HAMMOND-HDSSWJ Datasheet
75Kb / 1P
   Joint mural robuste
GRDBAR HAMMOND-GRDBAR Datasheet
68Kb / 2P
   Barre omnibus en cuivre
HDSSEC HAMMOND-HDSSEC Datasheet
89Kb / 1P
   Raccord pour armoire robuste
1584H HAMMOND-1584H Datasheet
77Kb / 2P
   Barres d alimentation de qualit챕 m챕dicale de 15 A
HDSSEL HAMMOND-HDSSEL Datasheet
70Kb / 1P
   Raccord coude robuste
HDSSSA HAMMOND-HDSSSA Datasheet
73Kb / 1P
   Adaptateur dinclinaison robuste
HDSSELC HAMMOND-HDSSELC Datasheet
95Kb / 1P
   Raccord coude robuste
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com