Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2164BS-40(3.3V) Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-2164BS-40(3.3V)
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2164BS-40(3.3V) Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-2164BS-40(3.3V) Datasheet HTML 5Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 6Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 7Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 8Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 9Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 10Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 11Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 12Page - Analog Devices ADSP-2164BS-40(3.3V) Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ADSP-21xx
REV. B
–9–
Figure 4. ADSP-2105 System
Figure 3. ADSP-2101/ADSP-2103/ADSP-2115 System
BR
BG
CLKIN
RESET
IRQ2
BMS
ADSP-2101
or
ADSP-2103
or
ADSP-2115
CLKOUT
ADDR
DATA
(OPTIONAL)
1x CLOCK
or
CRYSTAL
PMS
DMS
RD
WR
ADDR
13-0
DATA
23-0
ADDR
DATA
(OPTIONAL)
ADDR
DATA
BOOT
MEMORY
e.g. EPROM
2764
27128
27256
27512
PROGRAM
MEMORY
DATA
MEMORY
&
PERIPHERALS
14
24
D
23-22
A
13-0
D
15-8
D
23-0
D
23-8
A
13-0
A
13-0
XTAL
MMAP
SERIAL
DEVICE
(OPTIONAL)
SCLK1
RFS1
or IRQ0
TFS1
or IRQ1
DT1
or FO
DR1
or FI
SPORT 1
SCLK0
RFS0
TFS0
DT0
DR0
SPORT 0
SERIAL
DEVICE
(OPTIONAL)
OE
WE
CS
OE
WE
CS
OE
CS
THE TWO MSBs OF THE DATA BUS (D
23-22
) ARE USED TO SUPPLY THE TWO MSBs OF THE
BOOT MEMORY EPROM ADDRESS. THIS IS ONLY REQUIRED FOR THE 27256 AND 27512.
BR
BG
CLKIN
RESET
IRQ2
BMS
ADSP-2105
CLKOUT
ADDR
DATA
(OPTIONAL)
1x CLOCK
or
CRYSTAL
PMS
DMS
RD
WR
ADDR
13-0
DATA
23-0
ADDR
DATA
(OPTIONAL)
ADDR
DATA
BOOT
MEMORY
e.g. EPROM
2764
27128
27256
27512
PROGRAM
MEMORY
DATA
MEMORY
&
PERIPHERALS
14
24
D
23-22
A
13-0
D
15-8
D
23-0
D
23-8
A
13-0
A
13-0
XTAL
MMAP
SERIAL
DEVICE
(OPTIONAL)
SCLK1
RFS1
or IRQ0
TFS1
or IRQ1
DT1
or FO
DR1
or FI
SPORT 1
OE
WE
CS
OE
WE
CS
OE
CS
THE TWO MSBs OF THE DATA BUS (D
23-22
) ARE USED TO SUPPLY THE TWO MSBs OF THE
BOOT MEMORY EPROM ADDRESS. THIS IS ONLY REQUIRED FOR THE 27256 AND 27512.


Similar Part No. - ADSP-2164BS-40(3.3V)

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2164BS-40 AD-ADSP-2164BS-40 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164BS-40 AD-ADSP-2164BS-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164BS-40 AD-ADSP-2164BS-40 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164BS-40 AD-ADSP-2164BS-40 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164BS-40 AD-ADSP-2164BS-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2164BS-40(3.3V)

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com