Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP681 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP681
Description  PNP - Silicon RF Transistor Die 50mA, 20 Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP681 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP681 Datasheet HTML 1Page - Central Semiconductor Corp CP681 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP681
PNP - Silicon RF Transistor Die
50mA, 20 Volt
MECHANICAL SPECIFICATIONS:
Die Size
15 x 15 MILS
Die Thickness
7.9 MILS
Base Bonding Pad Area
2.3 MIL DIAMETER
Emitter Bonding Pad Area
2.3 MIL DIAMETER
Top Side Metalization
Al-Si – 13,000Å
Back Side Metalization
Au – 12,000Å
Scribe Alley Width
3.0 MILS
Wafer Diameter
5 INCHES
Gross Die Per Wafer
74,000
The CP681 is a silicon PNP RF transistor designed for general purpose RF amplifier and mixer
applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
3.0
V
Continuous Collector Current
IC
50
mA
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=10V
100
nA
IEBO
VEB=2.0V
100
nA
BVCBO
IC=10μA
20
V
BVCEO
IC=1.0mA
20
V
BVEBO
IE=10μA
3.0
V
VCE(SAT)
IC=5.0mA, IB=500μA
0.5
V
VBE(ON)
VCE=10V, IC=5.0mA
0.9
V
hFE
VCE=10V, IC=5.0mA
60
fT
VCE=10V, IC=5.0mA, f=100MHz
600
MHz
Ccb
VCB=10V, IE=0, f=1.0MHz
0.85
pF
Cce
VCB=10V, IB=0, f=1.0MHz
0.65
pF
R0 (8-October 2013)
www.centr a lsemi.
com


Similar Part No. - CP681

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP68475H-2 CUI-CP68475H-2 Datasheet
324Kb / 4P
   PELTIER MODULE
logo
Central Semiconductor C...
CP688-2N5115 CENTRAL-CP688-2N5115 Datasheet
310Kb / 3P
   P-Channel JFET Die
R0 17-July 2017
logo
CUI INC
CP68H-2 CUI-CP68H-2 Datasheet
324Kb / 4P
   PELTIER MODULE
More results

Similar Description - CP681

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP317X-2N918 CENTRAL-CP317X-2N918 Datasheet
456Kb / 4P
   NPN - RF Transistor Die 50mA, 15 Volt
R0 6-September 2017
CP302-MPSH10 CENTRAL-CP302-MPSH10 Datasheet
642Kb / 5P
   NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
CP317X-2N5179 CENTRAL-CP317X-2N5179 Datasheet
451Kb / 4P
   NPN - RF Transistor Die 50mA, 12 Volt
R0 6-September 2017
CP317X-BFY90 CENTRAL-CP317X-BFY90 Datasheet
420Kb / 4P
   NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP317X-2N5770 CENTRAL-CP317X-2N5770 Datasheet
452Kb / 4P
   NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP617-CM4957 CENTRAL-CP617-CM4957 Datasheet
544Kb / 8P
   PNP - RF Transistor Die 30mA, 25 Volt
R1 21-March 2017
CP616-CM5160 CENTRAL-CP616-CM5160 Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
CP618-CM5583 CENTRAL-CP618-CM5583 Datasheet
545Kb / 8P
   PNP - RF Transistor Die 0.5 Amp, 30 Volt
R0 26-July 2016
CP229-2N5109 CENTRAL-CP229-2N5109 Datasheet
585Kb / 8P
   NPN - RF Transistor Die 0.4 Amp, 20 Volt
R0 5-May 2016
CP647-2N6287 CENTRAL-CP647-2N6287 Datasheet
546Kb / 6P
   PNP - Darlington Transistor Die 20 Amp, 100 Volt
R0 13-June 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com