Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCTMU001F Datasheet(PDF) 5 Page - Rohm

Part # SCTMU001F
Description  N-channel SiC power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCTMU001F Datasheet(HTML) 5 Page - Rohm

  SCTMU001F Datasheet HTML 1Page - Rohm SCTMU001F Datasheet HTML 2Page - Rohm SCTMU001F Datasheet HTML 3Page - Rohm SCTMU001F Datasheet HTML 4Page - Rohm SCTMU001F Datasheet HTML 5Page - Rohm SCTMU001F Datasheet HTML 6Page - Rohm SCTMU001F Datasheet HTML 7Page - Rohm SCTMU001F Datasheet HTML 8Page - Rohm SCTMU001F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SCTMU001F
Electrical characteristic curves
Fig.4 Typical Output Characteristics
Drain - Source Voltage : V
DS [V]
Fig.5 Tj = 150°C Typical Output
Characteristics
Drain - Source Voltage : V
DS [V]
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
101214
16
T
a = 25ºC
Pulsed
6V
VGS= 18V
VGS= 16V
VGS= 14V
VGS= 12V
VGS= 10V
VGS= 8V
VGS= 6V
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
T
a = 150ºC
Pulsed
VGS 10V
VGS =   8V
VGS =   6V
VGS =   4V
VGS 18V
VGS = 16V
VGS = 14V
VGS = 12V
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
V
DS = 10V
I
D = 3mA
Fig.6 Typical Transfer Characteristics
Gate - Source Voltage : V
GS [V]
Fig.7 Gate Threshold Voltage
vs. Junction Temperature
Junction Temperature : T
j [°C]
0.001
0.01
0.1
1
10
02468
10
T
a= 150ºC
T
a= 75ºC
T
a= 25ºC
T
a= -25ºC
V
DS = 10V
Pulsed
5/9
2013.12 - Rev.A


Similar Part No. - SCTMU001F

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
More results

Similar Description - SCTMU001F

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com