Electronic Components Datasheet Search |
|
CAT24WC01UA-1.8TE13F Datasheet(PDF) 3 Page - Catalyst Semiconductor |
|
CAT24WC01UA-1.8TE13F Datasheet(HTML) 3 Page - Catalyst Semiconductor |
3 / 9 page CAT24WC01/02/04/08/16 3 Doc. No. 25051-00 3/98 S-1 A.C. CHARACTERISTICS VCC = +1.8V to +6.0V, unless otherwise specified. Read & Write Cycle Limits Symbol Parameter 1.8V, 2.5V 4.5V-5.5V Min. Max. Min. Max. Units FSCL Clock Frequency 100 400 kHz TI(1) Noise Suppression Time 200 200 ns Constant at SCL, SDA Inputs tAA SCL Low to SDA Data Out 3.5 1 µs and ACK Out tBUF(1) Time the Bus Must be Free Before 4.7 1.2 µs a New Transmission Can Start tHD:STA Start Condition Hold Time 4 0.6 µs tLOW Clock Low Period 4.7 1.2 µs tHIGH Clock High Period 4 0.6 µs tSU:STA Start Condition Setup Time 4.7 0.6 µs (for a Repeated Start Condition) tHD:DAT Data In Hold Time 0 0 ns tSU:DAT Data In Setup Time 50 50 ns tR(1) SDA and SCL Rise Time 1 0.3 µs tF(1) SDA and SCL Fall Time 300 300 ns tSU:STO Stop Condition Setup Time 4 0.6 µs tDH Data Out Hold Time 100 100 ns Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. Write Cycle Limits Symbol Parameter Min. Typ. Max Units tWR Write Cycle Time 10 ms Power-Up Timing(1)(2) Symbol Parameter Max. Units tPUR Power-up to Read Operation 1 ms tPUW Power-up to Write Operation 1 ms |
Similar Part No. - CAT24WC01UA-1.8TE13F |
|
Similar Description - CAT24WC01UA-1.8TE13F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |