Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKI06185 Datasheet(PDF) 3 Page - Sanken electric

Part # GKI06185
Description  N ch Trench Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

GKI06185 Datasheet(HTML) 3 Page - Sanken electric

  GKI06185 Datasheet HTML 1Page - Sanken electric GKI06185 Datasheet HTML 2Page - Sanken electric GKI06185 Datasheet HTML 3Page - Sanken electric GKI06185 Datasheet HTML 4Page - Sanken electric GKI06185 Datasheet HTML 5Page - Sanken electric GKI06185 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GKI06185
GKI06185-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
3
Jan. 24, 2014
Test Circuits and Waveforms
VDD
ID
VDS
RG
VGS
0 V
L
IAS
ID
V(BR)DSS
VDD
VDS
(a) Test Circuit
(b) Waveform
Figure 1 Unclamped Inductive Switching
VDS
VDD
RG
RL
VGS
0 V
P.W. = 10 μs
Duty cycle ≤ 1 %
td(on) tr
ton
td(off) tf
toff
90%
10%
90%
10%
VGS
VDS
(a) Test Circuit
(b) Waveform
Figure 2 Switching Time
VGS
0 V
IF
RG
L
D.U.T.
VDD
0 V
IF
trr
di/dt
IRM × 90 %
IRM
(a) Test Circuit
(b) Waveform
Figure 3 Diode Reverse Recovery Time
DD
(BR)DSS
(BR)DSS
2
AS
AS
V
V
V
I
L
2
1
E


Similar Part No. - GKI06185

ManufacturerPart #DatasheetDescription
logo
Sanken electric
GKI06185 SANKEN-GKI06185_15 Datasheet
600Kb / 8P
   N ch Trench Power MOSFET
More results

Similar Description - GKI06185

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com