Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH375-PG-A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH375-PG-A
Description  SINGLE PHASE HALL EFFECT LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH375-PG-A Datasheet(HTML) 4 Page - Diodes Incorporated

  AH375-PG-A Datasheet HTML 1Page - Diodes Incorporated AH375-PG-A Datasheet HTML 2Page - Diodes Incorporated AH375-PG-A Datasheet HTML 3Page - Diodes Incorporated AH375-PG-A Datasheet HTML 4Page - Diodes Incorporated AH375-PG-A Datasheet HTML 5Page - Diodes Incorporated AH375-PG-A Datasheet HTML 6Page - Diodes Incorporated AH375-PG-A Datasheet HTML 7Page - Diodes Incorporated AH375-PG-A Datasheet HTML 8Page - Diodes Incorporated AH375-PG-A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH375
SINGLE PHASE HALL EFFECT LATCH
AH375
Document number: DS31172 Rev. 6 - 2
4 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Performance Characteristics
(1) SIP-3L
TA (°C)
25
50
60
70
80
85
90
95
100
PD (mW)
550
440
396
352
308
286
264
242
220
TA (°C)
105
110
115
120
125
130
135
140
150
PD(mW)
198
176
154
132
110
88
66
44
0
P o w e r D is s ip a tio n C u rve
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 5
50
75
1 00
1 25
150
TA (° C )
P D (m W )
-4 0
(2) SC59 (commonly known as SOT23 in Asia)
P o w e r D is s ip a t io n C u rv e
0
10 0
20 0
30 0
0
25
5 0
7 5
1 00
125
15 0
T A (°C )
P D (m W )
-4 0
TA (°C)
25
50
60
70
80
85
90
100
110
120
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
74
55
37
18
0


Similar Part No. - AH375-PG-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-PG-A DIODES-AH375-PG-A Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-PG-A DIODES-AH375-PG-A Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
More results

Similar Description - AH375-PG-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com