Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKI07301 Datasheet(PDF) 2 Page - Sanken electric

Part # GKI07301
Description  N ch Trench Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

GKI07301 Datasheet(HTML) 2 Page - Sanken electric

  GKI07301 Datasheet HTML 1Page - Sanken electric GKI07301 Datasheet HTML 2Page - Sanken electric GKI07301 Datasheet HTML 3Page - Sanken electric GKI07301 Datasheet HTML 4Page - Sanken electric GKI07301 Datasheet HTML 5Page - Sanken electric GKI07301 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GKI07301
GKI07301-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
2
Jan. 24, 2014
Thermal Characteristics
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
(Junction to Case)
RθJC
2.7
°C/W
Thermal Resistance
(Junction to Ambient)
RθJA
Mounted on PCB*
40.3
°C/W
* 1 inch square 2 oz copper pad on 1.5 × 1.5 inch PCB.
Electrical Characteristics
Unless otherwise specified, T
A = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain to Source Breakdown
Voltage
V(BR)DSS
ID = 100 μA, VGS = 0 V
75
V
Drain to Source Leakage Current
IDSS
VDS = 75 V, VGS = 0 V
100
µA
Gate to Source Leakage Current
IGSS
VGS = ± 20 V
± 100
nA
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 350 µA
1.0
2.0
2.5
V
Static Drain to Source
On-Resistance
RDS(ON)
ID = 12.4 A, VGS = 10 V
17.7
25.5
ID = 6.2 A, VGS = 4.5 V
20.4
29.9
Gate Resistance
RG
f = 1 MHz
2.3
Ω
Input Capacitance
Ciss
VDS = 25 V
VGS = 0 V
f = 1 MHz
1580
pF
Output Capacitance
Coss
155
Reverse Transfer Capacitance
Crss
74
Total Gate Charge (VGS = 10 V)
Qg1
VDS = 38 V
ID = 15.8 A
16.5
nC
Total Gate Charge (VGS = 4.5 V)
Qg2
7.1
Gate to Source Charge
Qgs
3.2
Gate to Drain Charge
Qgd
2.3
Turn-On Delay Time
td(on)
VDD = 38 V
ID = 15.8 A
VGS = 10 V, RG = 4.7 Ω
Refer to Figure 2
2.7
ns
Rise Time
tr
2.5
Turn-Off Delay Time
td(off)
11.4
Fall Time
tf
5.1
Source to Drain Diode Forward
Voltage
VSD
IS = 12.4 A, VGS = 0 V
0.9
1.5
V
Source to Drain Diode Reverse
Recovery Time
trr
IF = 15.8 A
di/dt = 100 A/µs
Refer to Figure 3
34.7
ns
Source to Drain Diode Reverse
Recovery Charge
Q rr
47.9
nC


Similar Part No. - GKI07301

ManufacturerPart #DatasheetDescription
logo
Sanken electric
GKI07301 SANKEN-GKI07301_15 Datasheet
600Kb / 8P
   N ch Trench Power MOSFET
More results

Similar Description - GKI07301

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKI10531 SANKEN-FKI10531 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
GKI04031 SANKEN-GKI04031 Datasheet
247Kb / 6P
   N ch Trench Power MOSFET
FKI10126 SANKEN-FKI10126 Datasheet
266Kb / 6P
   N ch Trench Power MOSFET
SKI03021 SANKEN-SKI03021 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI03063 SANKEN-SKI03063 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04024 SANKEN-SKI04024 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04033 SANKEN-SKI04033 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI04044 SANKEN-SKI04044 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI06073 SANKEN-SKI06073 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
SKI10195 SANKEN-SKI10195 Datasheet
241Kb / 6P
   N ch Trench Power MOSFET
GKI03061 SANKEN-GKI03061 Datasheet
366Kb / 6P
   N ch Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com