Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGD623N Datasheet(PDF) 2 Page - Sanken electric

Part # MGD623N
Description  IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MGD623N Datasheet(HTML) 2 Page - Sanken electric

  MGD623N Datasheet HTML 1Page - Sanken electric MGD623N Datasheet HTML 2Page - Sanken electric MGD623N Datasheet HTML 3Page - Sanken electric MGD623N Datasheet HTML 4Page - Sanken electric MGD623N Datasheet HTML 5Page - Sanken electric MGD623N Datasheet HTML 6Page - Sanken electric MGD623N Datasheet HTML 7Page - Sanken electric MGD623N Datasheet HTML 8Page - Sanken electric MGD623N Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IGBT
MGD623N
July, 2009
Sanken Electric Co.,Ltd.
T04-002EA-090721
http://www.sanken-ele.co.jp/en/
Electrical characteristics
●IGBT
(Ta=25°C)
Limits
Characteristic
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector to Emitter Breakdown Voltage
V(BR)CES
IC=100μA, VGE=0V
600
V
Gate to Emitter Leakage Current
IGES
VGE=±30V
±500
nA
Collector to Emitter Leakage Current
ICES
VCE=600V, VGE=0V
100
μA
Gate Threshold Voltage
VGE(th)
VCE=10V, IC=1mA
3
6
V
Collector to Emitter Saturation Voltage
VCE(sat)
VGE=15V, IC=50A
1.7
2.3
V
Input Capacitance
Cies
2500
Output Capacitance
Coes
150
Reverse Transfer Capacitance
Cres
VDS=20V
VGS=0V
f=1MHz
80
pF
Turn-On Delay Time
td(on)
75
Rise Time
tr
100
Turn-Off Delay Time
td(off)
300
Fall Time
tf
Inductive Load
IC=50A
VCC=300V
VGS=15V,Rg=39Ω
See Fig.1
200
ns
●Di
(Ta=25°C)
Limits
Characteristic
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
IF=30A
1.2
1.6
V
Reverse Recovery Time
trr
IF=30A
di/dt=100A/μs
0.3
μs


Similar Part No. - MGD623N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MGD623N SANKEN-MGD623N Datasheet
233Kb / 10P
   IGBT
MGD623N SANKEN-MGD623N Datasheet
175Kb / 4P
   Selection Guide
More results

Similar Description - MGD623N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com