Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4620BVFP-E2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AK4620BVFP-E2
Description  24-Bit 192kHz Audio CODEC with IPGA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AK4620BVFP-E2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AK4620BVFP-E2 Datasheet HTML 4Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 5Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 6Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 7Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 8Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 9Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 10Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 11Page - List of Unclassifed Manufacturers AK4620BVFP-E2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ASAHI KASEI
[AK4620B]
MS0401-E-00
2005/07
- 8 -
Note 6. Full scale (0dB) of the input voltage at PGA=0dB.
This voltage is proportional to VREF. Vin(typ) = 3.07Vpp x VREF/5.
Note 7. These values become smaller when a gain of IPGA is large.
IPGA=0dB; typ. 5.1k
Ω, IPGA=+18dB; typ. 1.18kΩ
Note 8. PSR is applied to VA, VD, VT with 1kHz, 50mVpp. VREF pin is held a constant voltage.
Note 9. Full scale (0dB) of the input voltage at 0dB. This voltage is proportional to VREF.
Vin (typ) =
±2.82Vpp x VREF/5.
ANALOG CHARACTERISTICS (DAC)
(Ta=25
°C; VA=5V, VD=3.3V, VT=5V; AGND=DGND=0V; VREF=VA; fs=44.1kHz; Signal Frequency =1kHz; 24bit
Data; Measurement frequency=20Hz
∼ 20kHz at fs=44.1kHz, 40Hz ∼ 40kHz at fs=96kHz, 40Hz ∼ 40kHz at fs=192kHz;
unless otherwise specified)
DAC Analog Output Characteristics:
Parameter
min
typ
max
Units
Resolution
24
Bits
Dynamic Characteristics
fs=44.1kHz
BW=20kHz
0dBFS
−60dBFS
87
-
97
52
dB
dB
fs=96kHz
BW=40kHz
0dBFS
−60dBFS
-
-
97
49
dB
dB
S/(N+D)
fs=192kHz
BW=40kHz
0dBFS
−60dBFS
-
-
97
49
dB
dB
Dynamic Range (
−60dBFS with A-weighted) (Note 10, Note 11)
-
115
dB
S/N
(A-weighted) (Note 11, Note 12)
107
115
dB
Interchannel Isolation (1kHz)
90
110
dB
DC Accuracy
Interchannel Gain Mismatch
0.15
0.3
dB
Gain Drift
(Note 13)
20
-
ppm/
°C
Output Voltage
(Note 14)
±2.6
±2.8
±3.0
Vpp
Load Capacitance
25
pF
Load Resistance
(Note 15)
3
k
Note 10. 100dB at 16bit data and 114dB at 20bit data.
Note 11. By Figure 19. External LPF Circuit Example 2 for PCM.
Note 12. S/N does not depend on input bit length.
Note 13. The voltage on VREF is held +5V externally.
Note 14. Full-scale voltage(0dB). Output voltage scales with the voltage of VREF.
AOUT (typ.@0dB) = (AOUT+) - (AOUT-) = 5.6Vpp x VREF/5.
Note 15. For AC-load.
Parameter
min
typ
max
Units
Power Supplies
Power Supply Current
Normal Operation (PDN pin = “H”)
VA: ADC Single-ended Mode
ADC Differential Mode
60
55
90
83
mA
mA
VD+VT (fs=44.1kHz)
(fs=96kHz)
(fs=192kHz)
11
21
27
-
-
41
mA
mA
mA
Power-down mode (PDN pin = “L”)
(Note 16)
VA
VD+VT
10
10
100
100
µA
µA
Note 16. All digital input pins are held VT or DGND.


Similar Part No. - AK4620BVFP-E2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4620BVF AKM-AK4620BVF Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results

Similar Description - AK4620BVFP-E2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
AK4617VQ AKM-AK4617VQ Datasheet
1Mb / 64P
   192kHz 24-bit 2ch/12ch Audio CODEC
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4618 AKM-AK4618 Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
AK4618VQ AKM-AK4618VQ Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com