Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ105 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ALQ105
Description  1 Form A/1 Form C 10A Small power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALQ105 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ALQ105 Datasheet HTML 1Page - Panasonic Semiconductor ALQ105 Datasheet HTML 2Page - Panasonic Semiconductor ALQ105 Datasheet HTML 3Page - Panasonic Semiconductor ALQ105 Datasheet HTML 4Page - Panasonic Semiconductor ALQ105 Datasheet HTML 5Page - Panasonic Semiconductor ALQ105 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LQ (ALQ)
ASCTB92E 201206-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
Note) CSA standard: Certified by C-UL
Item
UL/C-UL (Recognized)
VDE (Certified)
File No.
Contact rating
File No.
Contact rating
1 Form A
E43028
10A 125V AC
5A 277V AC
5A 30V DC
4FLA/4LRA 277V AC
1
/6 HP 125V AC
1
/6 HP 277V AC
40032836
5A 250V AC (cos
φ=1.0)
10A 250V AC (cos
φ=1.0)
10A 250V AC (cos
φ=0.4)
5A 30V DC (0ms)
1 Form C
E43028
<N.O.>
10A 125V AC
5A 277V AC
5A 30V DC
4FLA/4LRA 277V AC
1
/6 HP 125V AC
1
/6 HP 277V AC
<N.C.>
3A 125V AC
2A 277V AC
1A 30V DC
40032836
<N.O.>
5A 250V AC (cos
φ=1.0)
10A 250V AC (cos
φ=1.0)
10A 250V AC (cos
φ=0.4)
5A 30V DC (0ms)
<N.C.>
3A 250V AC (cos
φ=0.4)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
1 Form A
1 Form C
20
.787
10.16
.400
7.62
.300
7.62
.300
10
.394
7.62
.300
15.6
.614
4.2
.165
0.4
.016
0.5 dia.
.020 dia.
0.3
.012
0.3
.012
0.8
.031
20
.787
10.16
.400
5.08
.200
10
.394
7.62
.300
15.6
.614
4.2
.165
0.4
.016
0.5 dia.
.020 dia.
0.3
.012
0.3
.012
0.3
.012
2.54
.100
7.62
.300
0.8
.031
0.8
.031
Schematic (Bottom view)
1 Form A
1 Form C
Coil
COM
N.O.
Coil
COM
N.O.
N.C.
PC board pattern (Bottom view)
1 Form A1FormC
Tolerance:
±0.1 ±.004
4-1.3 dia.
7.62
7.62
10.16
4-.051 dia.
.300
.300
.400
5-1.3 dia.
7.62
7.62
10.16
2.54
5-.051 dia.
.300
.300
.400
.100
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 5mm .197 inch:
Min. 5mm .197 inch:
General tolerance
±0.2 ±.008
±0.3 ±.012
±0.4 ±.016


Similar Part No. - ALQ105

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ12F48-L EMERSON-NETWORKPOWER-ALQ12F48-L Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ12F48N-L EMERSON-NETWORKPOWER-ALQ12F48N-L Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ12M48-L EMERSON-NETWORKPOWER-ALQ12M48-L Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ12M48N-L EMERSON-NETWORKPOWER-ALQ12M48N-L Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
More results

Similar Description - ALQ105

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
   1 Form C
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Infineon Technologies A...
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
   Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
   Dual 1 Form A Solid-State Relays
Rev. 1.4, 26-Oct-04
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com