Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLLTSM-2-S Datasheet(PDF) 1 Page - Major League Electronics

Part # BLLTSM-2-S
Description  Current Rating: 2.0 Ampere
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

BLLTSM-2-S Datasheet(HTML) 1 Page - Major League Electronics

  BLLTSM-2-S Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.090 2.29
.035 0.89
.079 2
(Non-Accum)
.155 3.94
3.05
.120
1.27
.050
.039 1
.020 [0.51] SQ PIN (Typ.)
.010 [0.25]
B
.015[0.38]
A
.059 1.50
.079 2
.079 2.01
WITHOUT THE WRITTEN PERMISSION OF
WEIGHT:
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
MAJOR LEAGUE ELECTRONICS. ANY
.002
02/06/13
GWE
02/06/13
A
DRAWING IS THE SOLE PROPERTY OF
PROHIBITED.
THE INFORMATION CONTAINED IN THIS
MAJOR LEAGUE ELECTRONICS IS
REV
DRC
INTERPRET GEOMETRIC
SHEET 1 OF 1
FOUR PLACE DECIMAL
1
.005
Q:ASSEM/BL/BLLTSM-2
UNLESS OTHERWISE SPECIFIED:
DWG. NO.
SCALE: 8:1
REPRODUCTION IN PART OR AS A WHOLE
PROPRIETARY AND CONFIDENTIAL
TOLERANCING PER:
MATERIAL
FINISH
--
--
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
COMMENTS:
DATE
NAME
TITLE:
BLLTSM-2-SH
SIZE
B
DIMENSIONS ARE IN INCHES
TOLERANCES:
ONE PLACE DECIMALS .100
TWO PLACE DECIMAL .010
THREE PLACE DECIMAL
4235 Earnings Way
New Albany, IN 47150
Phone: 812-944-7244 Fax: 812-944-7268
e-Mail: mle@mlelectronics.com
General Tolerance
RECOMMENDED PCB LAYOUT
.002 [0.05]
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
Created Drawing
02/06/13
DC
Specifications :
Curre nt Rating: 2.0 A m pe re
Insula tion Res is ta nce : 10 00 M Ohm s Min.
Die lectric W ithstanding: 5 0 0V AC
Contact Re sistance : 2 0m Ohm s M ax.
Ope ra ting T em pera ture: -4 0°C to + 10 5 °C
Ma te ria ls :
Contact Ma terial: Brass
Pla ting: Gold Flash ove r e ntire pin
Insula tor M aterial: The rm opla stic, UL94 V-0 , P BT
Color: N atural
Ma x. Proces s T em pera tures :
Pea k: 26 0 °C up to 20 se cs .
Proce ss: 2 3 0°C up to 6 0 se cs .
W ave : 2 60 °C up to 6 Secs.
Ma nua l Solder: 35 0°C up to 5 se cs.
All m aterials m ust m e et M ajor Le ague Electronics
require m ents for environm e ntal prote ction.
02
0.157
4.00
0.079
2.00
03
0.236
6.00
0.157
4.00
04
0.315
8.00
0.236
6.00
05
0.394
9.99
0.315
8.00
06
0.472
11.99
0.394
9.99
Inches
MM
Inches
MM
CONTACTS
DIMENSIONS
A
B
BLLTSM-2
-
-
-
-
-
-
Horizontal Surface Mount
S
XX
Number of Pins Per Row
02,03,04,05,06
LF
P
XX
H
F
Single Row
Contact Plating:
F - Gol d Fl a s h Over Al l
Lead Free
Pick and Place Cap
Packaging:
TR = Ta pe a nd Reel
TB = Tube


Similar Part No. - BLLTSM-2-S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLL1214-250 PHILIPS-BLL1214-250 Datasheet
79Kb / 10P
   L-band radar LDMOS transistor
2003 Aug 29
BLL1214-250 NXP-BLL1214-250 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLL1214-250R NXP-BLL1214-250R Datasheet
142Kb / 12P
   LDMOS L-band radar power transistor
Rev. 01-4 February 2010
BLL1214-250R NXP-BLL1214-250R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLL1214-35 PHILIPS-BLL1214-35 Datasheet
64Kb / 8P
   L-band radar LDMOS driver transistor
2002 Sep 27
More results

Similar Description - BLLTSM-2-S

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
AB24S CHENDA-AB24S Datasheet
704Kb / 2P
   4 0 to 200 Volts Current - 2.0 Ampere
DSL22 CHENDA-DSL22 Datasheet
251Kb / 2P
   20 to 100 Volt s Forward Current - 2.0 Ampere
logo
Rectron Semiconductor
SF21-B RECTRON-SF21-B Datasheet
230Kb / 5P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere
logo
Microdiode Electronics ...
MDDDB201S CHENDA-MDDDB201S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 2.0 Ampere
logo
WILLAS ELECTRONIC CORP
RS201-01 WILLAS-RS201-01 Datasheet
220Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M_00 Datasheet
87Kb / 4P
   2.0 Ampere Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   2.0 Ampere Bridge Rectifiers
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
   2.0 Ampere Superfast Rectifiers
logo
Assmann Electronics Inc...
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com