Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3S-1102 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3S-1102
Description  Sealed Tactile Switch (SMT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3S-1102 Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3S-1102 Datasheet HTML 1Page - Omron Electronics LLC B3S-1102 Datasheet HTML 2Page - Omron Electronics LLC B3S-1102 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
B3S
B3S
Model Structure
Dimensions (Unit: mm)
Note:
The numbers used for terminals in the following graphics are indicated in the “Bottom View” diagram below. In this
diagram, the Switch is rotated so that the terminals are on the right and left-hand sides, and the OMRON logo appears
the right way up.
Note:
Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches.
Precautions
Be sure to read the safety precautions common to all Tactile Switches for correct use.
Cover
Plunger
Contact dome
Fixed contact
Base
Spacer
Sealing rubber
(Bottom View)
2
4
1
3
Without Ground Terminal
B3S-1000
B3S-1002
With Ground Terminal
B3S-1100
B3S-1102
PCB Pad
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Pad
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
9
4.5
3.3
dia.
0.7
6
6.4
9.5
6.6
1.3
4.5
4
2
3
1
4.3
0.1
3.4
0.7
0.7
1.5
9
4.5
3.3
dia.
0.7
6
6.4
9.5
6.6
1.3
1.3
3.25
4.95
4.5
4
2
3
1
4.3
0.1
3.4
0.7
0.7
0.7
5


Similar Part No. - B3S-1102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3S-1102 OMRON-B3S-1102 Datasheet
49Kb / 5P
   Mechanical Key Switch (SMD)
B3S-1102 OMRON-B3S-1102 Datasheet
278Kb / 4P
   Tactile Switch
B3S-1102 OMRON-B3S-1102 Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
B3S-1102 OMRON-B3S-1102 Datasheet
189Kb / 3P
   Sealed construction conforming to IP67 (IEC-60529) provides high contact reliability in locations exposed to dust or water
B3S-1102P OMRON-B3S-1102P Datasheet
49Kb / 5P
   Mechanical Key Switch (SMD)
More results

Similar Description - B3S-1102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3WN OMRON-B3WN_10 Datasheet
304Kb / 4P
   Sealed Tactile Switch
B3WN OMRON-B3WN Datasheet
352Kb / 4P
   Sealed Tactile Switch
logo
GREATECS
TP25 GREATECS-TP25 Datasheet
172Kb / 1P
   3.8x6 mm SMT Tactile Switch
logo
Omron Electronics LLC
B3SL1005P OMRON-B3SL1005P Datasheet
375Kb / 3P
   Middle-stroke Tactile Switch (SMT)
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
   Long-stroke Tactile Switch (SMT)
B3SL-1005P OMRON-B3SL-1005P Datasheet
375Kb / 3P
   Middle-stroke Tactile Switch (SMT)
logo
TE Connectivity Ltd
1571610 TEC-1571610 Datasheet
105Kb / 1P
   SWITCH ASSEMBLY, TACTILE, RIGHT ANGLE, SEALED
Rev. C1
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
   Sealed Tactile Switches
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com