Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3010KF Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3010KF
Description  Low Current Consumption, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3010KF Datasheet(HTML) 2 Page - Sanken electric

  SI-3010KF Datasheet HTML 1Page - Sanken electric SI-3010KF Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
83
ICs
SI-3000KF Series
■Ta-PD Characteristics
15
20
10
5
0
–30
–20
0
20
Ambient Temperature
Ta (°C)
40
60
80
100
Silicone Grease:
G746 (Shin-Etsu Chemical)
Heatsink: Aluminum
With Infinite Heatsink
Without Heatsink
75×75×2mm (7.6°C/W)
100×100×2mm (5.2°C/W)
200×200×2mm (2.3°C/W)
■Block Diagram
REF
TSD
+
VIN
VC
VOUT
GND
2
1
4
3
ADJ
5
SI-3010KF
■Typical Connection Diagram
●SI-3010KF
GND
3
VIN
CIN
R1
R2
2
VO
4
VC
1
ADJ
5
+
D1*1
CO
+
Load
R3
*2
CIN: Input capacitor (22µF or larger)
CO: Output capacitor (47µF or larger)
If a low ESR capacitor (such as a ceramic capacitor) is used
for the output capacitor, oscillation may occur.
*1. D1: Reverse bias protection diode
This diode is required for protection against reverse
biasing between the input and output.
(Sanken RU2Z is recommended.)
■External Dimensions (TO220F-5)
(Unit : mm)
R1, R2: Output voltage setting resistors
The output voltage can be adjusted by connecting R1 and R2 as shown
above.
The recommended value for R2 is 10kΩ.
R1=(VO–VADJ)÷(VADJ/R2)
*2: Insert R3 in case of setting VO to VO ≤ 1.5V.
The recommended value for R3 is 10kΩ.
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
Pin Assignment
q Vc
w VIN
e GND
r Vout
t ADJ
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 2.3 g


Similar Part No. - SI-3010KF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3010KFE SANKEN-SI-3010KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3010KF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000KF SANKEN-SI-3000KF_11 Datasheet
78Kb / 2P
   Low Current Consumption, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com