Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8008TFE Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8008TFE
Description  Full-Mold, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8008TFE Datasheet(HTML) 2 Page - Sanken electric

  SI-8008TFE Datasheet HTML 1Page - Sanken electric SI-8008TFE Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
ICs
SI-8000TFE Series
■External Dimensions (TO220F-5)
■Block Diagram
■Typical Connection Diagram
4
3
GND
2
IN
SS
SW
ADJ
1
5
PReg.
Overcurrent
Protection
Reset
OSC
Comp.
Error Amp.
Latch &
Drive
Thermal
Protection
ON/OFF
Soft Start
SI-8008TFE
Reference
Voltage
IN
C1
220
µF
C3
Di
L1
47
µH
R1
R2
C2
470
µF
VIN
GND
SS
GND
SI-8000TFE
SW
IADJ
ADJ
12
4
3
5
+
+
VOUT
GND
Pin Assignment
q IN
w SW
e GND
r ADJ
t SS
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 2.3g
C1 : 220µF
C2 : 470µF
C3 :1µF (Only when using soft-start function)
L1 :47µH
Di : RK16 (Sanken)
(Unit : mm)
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2


Similar Part No. - SI-8008TFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8008TFE SANKEN-SI-8008TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
More results

Similar Description - SI-8008TFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com