Electronic Components Datasheet Search |
|
15KPA110CA Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
15KPA110CA Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd. |
5 / 5 page Axial Lead Transient Voltage Suppressors (TVS) Revision September 25, 2013 5 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. 15KPA Series 17 To 280 V 15000W SOCAY Electronics Co., Ltd. www.socay.com Inches Millimeters Dimensions Min Max Min Max A 1.000 - 25.40 - B 0.340 0.360 8.64 9.14 C 0.048 0.052 1.22 1.32 D 0.340 0.360 8.64 9.14 Part Number Component Package Quantity Packaging Option 15KPXXXXX R6/P600 200 Box 15 KP ××× C A 5% VBR VOLTAGE TOLERANCE BI-DIRECTIONAL VR VOLTAGE SERIES Dimensions Part Marking Packaging Packaging Dimensions Unit: Inches (Millimeters) Part Numbering R6/P600 Cathode Band 2.56 (65.00) 0.40 ±0.020 (10.16 ±0.508) 0.25 (6.35) Socay Logo Product Type Cathode Band 15KPXXX |
Similar Part No. - 15KPA110CA |
|
Similar Description - 15KPA110CA |