Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2101F2LB0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R2101F2LB0
Description  R SERIES SNAP-IN ROCKER SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2101F2LB0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R2101F2LB0 Datasheet HTML 1Page - List of Unclassifed Manufacturers R2101F2LB0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
N38
FEATURES
MATERIALS
Contacts:
Silver cadmium alloy
Lamps: Neon or fluorescent.
Terminals:
Silver plated copper
Illumination available
Actuator:
Nylon type 66 (UL94V-2 min.)
only with function 1 (ON OFF).
Case:
Nylon type 66 (UL94V-2 min.)
SPECIFICATIONS
Contact ratings:
16A 125VAC 1/4 HP (UL/CSA). 16A 250VAC 1/4 HP (UL/CSA).
20A 125VAC 3/4 HP 250VAC (UL) 16(4)A 250V ~ T125 1E4
10(2)A 250V ~ 5E4 (VDE, SEMCO, NEMCO, DEMCO, FIMCO, SEV).
Initial contact resistance:
20 milliohms max.
Insulation resistance:
100 megohms min. at 500 V
Dielectric strength:
1000 VAC for 1 minute
Electrical life:
16(4)A 250VAC: 10,000 cycles
10(2)A 250VAC: 50,000 cycles
Operating temperature range:
-20°C to 125°C
AGENCY RECOGNITION
UL, CSA, VDE, SEMKO, NEMKO, DEMKO, FEMKO, & SEV. Models are supplied with agency markings.
Cost effective illuminated or non-illuminated models.
Single pole & double pole maintained or momentary action models.
Actuator and case color selections.
Standard actuator marking options.
R SERIES SNAP-IN ROCKER SWITCHES
Single pole - quick connect terminals - curved actuator
D
s
New!
MODEL NO.
CIRCUIT
R1101C2NBB
ON
OFF
R1201C2NBB
ON
ON
R1301C2NBB
ON
OFF
ON
R1401C2NBB
(ON)
OFF
R1501C2NBB
(ON)
ON
R1601C2NBB
(ON)
OFF
(ON)
R1701C2NBB
(ON)
OFF
ON
Parenthesis indicates momentary
action. Models in table have black
actuator and black case.
MODEL NO.
CIRCUIT
R2101C2NBB
ON
OFF
R2201C2NBB
ON
ON
R2301C2NBB
ON
OFF
ON
R2401C2NBB
(ON)
OFF
R2501C2NBB
(ON)
ON
R2601C2NBB
(ON)
OFF
(ON)
R2701C2NBB
(ON)
OFF
ON
Double pole - quick connect terminals - curved actuator
Parenthesis indicates momentary
action. Models in table have black
actuator and black case.


Similar Part No. - R2101F2LB0

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2101225 ZETTLER-R2101225 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2101227 ZETTLER-R2101227 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2101229 ZETTLER-R2101229 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R2101243 ZETTLER-R2101243 Datasheet
212Kb / 4P
   Miniature plug-in power relays
More results

Similar Description - R2101F2LB0

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Copal Electronics
CF-LA COPAL-CF-LA Datasheet
296Kb / 3P
   High In-Rush Rocker Switches
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
Littelfuse
58027 LITTELFUSE-58027 Datasheet
415Kb / 1P
   58027 SERIES ROCKER SWITCHES
2019 Rev: 021119
58328 LITTELFUSE-58328 Datasheet
252Kb / 1P
   58328 SERIES ROCKER SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com