Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-535542-0 Datasheet(PDF) 97 Page - Tyco Electronics

Part # 9-535542-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-535542-0 Datasheet(HTML) 97 Page - Tyco Electronics

Back Button 9-535542-0 Datasheet HTML 90Page - Tyco Electronics 9-535542-0 Datasheet HTML 91Page - Tyco Electronics 9-535542-0 Datasheet HTML 92Page - Tyco Electronics 9-535542-0 Datasheet HTML 93Page - Tyco Electronics 9-535542-0 Datasheet HTML 94Page - Tyco Electronics 9-535542-0 Datasheet HTML 95Page - Tyco Electronics 9-535542-0 Datasheet HTML 96Page - Tyco Electronics 9-535542-0 Datasheet HTML 97Page - Tyco Electronics 9-535542-0 Datasheet HTML 98Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
277
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Technical Documents for Wire-to-Board Products
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Product Specifications describe technical performance characteristics and verification tests.
They are intended for the Design, Component and Quality Engineers.
Locking Clip Contacts and Housings — Pages 206-209:
108-36028
Connector, Locking Clip, .025 [0.64] Square, Gold
108-36028-1 Connector, Locking Clip, .025 [0.64] Square, Tin
Mod. IV Wire-Applied Contacts and Housings — Pages 210-220:
108-25007
AMPMODU Mod. V Interconnection System, Wire-Applied (High Pressure)
108-25019
AMPMODU Mod. IV Male Connectors
108-25020
AMPMODU Mod. IV Interconnection System, (Standard Pressure)
108-25021
AMPMODU Mod. IV.V Interconnection System, (Intermediate Pressure)
Short-Point Wire-Applied Contacts and Housings — Pages 221-224:
108-1472
Short-Point Contacts and Housings
AMPMODU MTE Interconnection System — Pages 225-252:
108-25034
AMPMODU MTE Connectors
AMPMODU MT and Shielded MT Interconnection System — Pages 255-265:
108-25015
AMPMODU MT Standard Pressure Connectors
108-25018
AMPMODU MT High Pressure Connectors
108-25030
AMPMODU MT Shielding Accessories
AMPMODU Level V, IDC Connectors —
108-25028
Interconnection System, Insulation Displacement Connector, IDC Level
Mini-Tandem Spring Receptacle Contacts — Pages 266-269:
108-25031
Tandem Spring Receptacle Contact
Application Specifications describe requirements for using the product in its intended application,
and/or crimping information. They are intended for the Packaging and Design Engineers and the
Setup person.
Locking Clip Contacts and Housings — Pages 206-209:
114-25006
Contact, Locking Clip, .025 [0.64] Square, Application of
Mod. IV Wire-Applied Contacts and Housings — Pages 210-220:
114-25003
AMPMODU Mod. IV (Standard Pressure), AMPMODU Mod. IV.V (Intermediate
Pressure) and AMPMODU Mod. V (High Pressure) Receptacle Contacts,
Application of
114-25016
AMPMODU Mod. IV Crimp Pin Contact
Short-Point Wire-Applied Contacts and Housings — Pages 221-224:
114-25038
Short-Point Contacts and Housings
AMPMODU MTE Interconnection System — Pages 225-252:
114-25026
AMPMODU MTE Interconnection System
AMPMODU MT and Shielded MT Interconnection System — Pages 255-265:
114-25032
AMPMODU MT Interconnection System and Shielding Accessories,
Application of
AMPMODU Level V, IDC Connectors —
114-25020
Interconnection System, IDC Level V, Application of
Mini-Tandem Spring Receptacle Contacts — Pages 266-269:
114-25021
Tandem Spring Receptacle Contact, Application of
Various technical documents
are available for your use.


Similar Part No. - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Similar Description - 9-535542-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com