Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-794068-1 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 1-794068-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-794068-1 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 1-794068-1 Datasheet HTML 24Page - Tyco Electronics 1-794068-1 Datasheet HTML 25Page - Tyco Electronics 1-794068-1 Datasheet HTML 26Page - Tyco Electronics 1-794068-1 Datasheet HTML 27Page - Tyco Electronics 1-794068-1 Datasheet HTML 28Page - Tyco Electronics 1-794068-1 Datasheet HTML 29Page - Tyco Electronics 1-794068-1 Datasheet HTML 30Page - Tyco Electronics 1-794068-1 Datasheet HTML 31Page - Tyco Electronics 1-794068-1 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 134 page
background image
28
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Micro MATE-N-LOK 3 mm Connector System (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Plug Housings (Continued)
Dual Row, Panel Mount
Material
Nylon, Black
Flammability Rating—UL 94V-0
Related Product Data
Contacts:
Plug Contacts—page 22
Mateable Housings:
Dual Row Receptacle Housings—
page 24
Number
Dimensions
Part
of Circuits
AB
C
Numbers
2
.157
.165
.310
794615-2
3.85
4.20
7.88
4
.276
.285
.428
794615-4
6.85
7.20
10.88
6
.394
.402
.546
794615-6
9.85
10.20
13.88
8
.512
.520
.665
794615-8
12.85
13.20
16.88
10
.630
.638
.783
1-794615-0
15.85
16.20
19.88
12
.748
.756
.901
1-794615-2
18.85
19.20
22.88
14
.866
.874
1.019
1-794615-4
21.85
22.20
25.88
16
.984
.992
1.137
1-794615-6
24.85
25.20
28.88
18
1.102
1.110
1.255
1-794615-8
27.85
28.20
31.88
20
1.220
1.228
1.373
2-794615-0
30.85
31.20
34.88
22
1.339
1.346
1.491
2-794615-2
33.85
34.20
37.88
24
1.457
1.469
1.609
2-794615-4
36.85
37.20
40.88
*Recommended panel thickness .062-.091 [1.57-2.30]. Always consult customer drawing for panel cutout dimensions.
Note: All part numbers are RoHS Compliant.
.118
[3.00]
Ref.
B
C
.160
[4.06]
.078
[1.98]
.280
[7.11]
.343
[8.71]
.270
[6.86]
.665
[16.89]
.335
[8.50]
Recommended Panel Cutout*
A


Similar Part No. - 1-794068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-794065-1 MACOM-1-794065-1 Datasheet
96Kb / 1P
   HEADER ASSEMBLY, 8 CKT, DOUBLE ROW VERTICAL, MINI UNIVERSAL MATE-N-LOK(TM)
More results

Similar Description - 1-794068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com