Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-794068-1 Datasheet(PDF) 62 Page - Tyco Electronics

Part # 1-794068-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-794068-1 Datasheet(HTML) 62 Page - Tyco Electronics

Back Button 1-794068-1 Datasheet HTML 58Page - Tyco Electronics 1-794068-1 Datasheet HTML 59Page - Tyco Electronics 1-794068-1 Datasheet HTML 60Page - Tyco Electronics 1-794068-1 Datasheet HTML 61Page - Tyco Electronics 1-794068-1 Datasheet HTML 62Page - Tyco Electronics 1-794068-1 Datasheet HTML 63Page - Tyco Electronics 1-794068-1 Datasheet HTML 64Page - Tyco Electronics 1-794068-1 Datasheet HTML 65Page - Tyco Electronics 1-794068-1 Datasheet HTML 66Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 134 page
background image
62
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Power Double Lock (PDL) Connectors (Wire-to-Board and Wire-to-Wire) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
3.96 mm Centerline Free-Hanging Plug Housing
1 Circuit
Wire-to-Wire
Material—UL94V-0, 6/6 Nylon
Part Number
316768-1 (Natural)
316768-2 (Red)
316768-4 (Yellow)
316768-6 (Blue)
316768-9 (Black)
Related Product Data
Receptacle Contacts—page 61
Mating Cap Housings
(Free-Hanging)—pages 65-66
Double Lock Plate—page 71
2 Circuits
Wire-to-Board and Wire-to-Wire
Material—UL94V-0, 6/6 Nylon
Part Number
177898-1 (Natural)
177898-2 (Red)
177898-4 (Yellow)
177898-6 (Blue)
177898-9 (Black)
Lock Type II—3-177898-1 (Natural)
Related Product Data
Receptacle Contacts—page 61
Mating Cap Housings
(Free-Hanging)—pages 65-66
(Panel Mount)—pages 67-70
Double Lock Plate—page 71
Mating Tab Headers—
pages 72-74
3 Circuits
Wire-to-Board and Wire-to-Wire
Material—UL94V-0, 6/6 Nylon
Part Number
177899-1 (Natural)
177899-2 (Red)
177899-4 (Yellow)
177899-6 (Blue)
177899-9 (Black)
Lock Type II—3-177899-1 (Natural)
Related Product Data
Receptacle Contacts—page 61
Mating Cap Housings
(Free-Hanging)—pages 65-66
(Panel Mount)—pages 67-70
Double Lock Plate—page 71
Mating Tab Headers—
pages 72-74 and
(2 circuit, 7.92 mm
centerline)—page 74
4 Circuits (1 Row)
Wire-to-Wire
Material—UL94V-0, 6/6 Nylon
Part Number
316501-1 (Natural)
316501-4 (Yellow)
316501-6 (Blue)
Lock Type II—3-316501-1 (Natural)
Related Product Data
Receptacle Contacts—page 61
Mating Cap Housings
(Panel Mount)—pages 67-70
Double Lock Plate—page 71
Section X-X
Section X-X
Section X-X
Section X-X
Note: All dimensions shown are metric.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 1-794068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-794065-1 MACOM-1-794065-1 Datasheet
96Kb / 1P
   HEADER ASSEMBLY, 8 CKT, DOUBLE ROW VERTICAL, MINI UNIVERSAL MATE-N-LOK(TM)
More results

Similar Description - 1-794068-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com