Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147095-8 Datasheet(PDF) 86 Page - Tyco Electronics

Part # 8-147095-8
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147095-8 Datasheet(HTML) 86 Page - Tyco Electronics

Back Button 8-147095-8 Datasheet HTML 82Page - Tyco Electronics 8-147095-8 Datasheet HTML 83Page - Tyco Electronics 8-147095-8 Datasheet HTML 84Page - Tyco Electronics 8-147095-8 Datasheet HTML 85Page - Tyco Electronics 8-147095-8 Datasheet HTML 86Page - Tyco Electronics 8-147095-8 Datasheet HTML 87Page - Tyco Electronics 8-147095-8 Datasheet HTML 88Page - Tyco Electronics 8-147095-8 Datasheet HTML 89Page - Tyco Electronics 8-147095-8 Datasheet HTML 90Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
266
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mini-Tandem Spring Receptacle Housings and Contacts
AMPMODU Interconnection System
5
Specifications
Contact Current Rating —
3 amperes
Termination Resistance —
12 milliohms (max.) — gold plated
contacts
18 milliohms (max.) — tin plated
contacts
Durability — Ref. Product
Specification 108-25031
Product Facts
Individual contacts mate
with .025 [0.64] sq. posts,
.125 [3.18] long
Crimp snap-in contacts
accept 32-22 AWG
[0.03-0.32 mm2] wire
Retention latch provides for
positive installation
No insertion tool required
High durability design
provides long life
Available with .000015
[0.00038] or .000030
[0.00076] thick gold inlay
in contact areas, or bright
tin plated
Closed-entry housings
Mini-contact box size:
.060 [1.52] sq.
Mini-Tandem Spring
Housings can be stacked
on .100 [2.54] centers in
either direction
Mini-Tandem
Spring Housings are
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association,
File No. LR 7189
Mini-Tandem Spring
Receptacle Contacts are
designed to mate with .025
[0.64] posts. When used
individually, they will mate
with posts as short as .125
[3.18] and when used in a
housing, they will mate with
.140 [3.55] long posts.
These versatile contacts
may be used for
interconnecting posted
pc panels, I/O wiring and
cross-connecting pin
arrays.
The receptacle contact's
box configuration provides
for long contact life with
controlled contact mating
forces which minimize wear.
An external retention spring
facilitates quick assembly
and provides firm seating in
a contact housing.
Mini-Tandem Spring
Receptacle Contacts are
used in single- or double-
row housings with .100
[2.54] centerline spacing.
Single-row housings can be
converted into double-row
connectors on .100 x .200
[2.54 x 5.08] centers with
the use of stacking clips.
Mini-Tandem Spring
Housings can be stacked
side-by-side or end-to-end
on .100 [2.54] centers.
R
R


Similar Part No. - 8-147095-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147095-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com