Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG14 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SMCG14
Description  TRANSIENT ABSORPTION ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SMCG14 Datasheet(HTML) 1 Page - Digitron Semiconductors

  SMCG14 Datasheet HTML 1Page - Digitron Semiconductors SMCG14 Datasheet HTML 2Page - Digitron Semiconductors SMCG14 Datasheet HTML 3Page - Digitron Semiconductors SMCG14 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D I G I T R O N S E M I C O N D U C T O R S
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20120828
SMC SERIES
TRANSIENT ABSORPTION ZENER DIODES
5.0 THROUGH 170.0 VOLTS, 1500 WATTS
UNIDIRECTIONAL AND BIDIRECTIONAL CONSTRUCTION
1500 watts of peak power dissipation (10 x 1000µs)
tclamping (0 volts to V(BR) min): less that 1 x 10-12 seconds
Forward surge rating: 200 amps, 1/120 seconds @ 25°C(excluding bidirectional)
Operating and storage temperature range: -65° to 150°C
For bi-directional indicate a C or CA suffix after the part number (i.e. SMCJ5.0C or SMCJ5.0CA)
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
ELECTRICAL CHARACTERISTICS @ 25°C
Breakdown
voltage
Maximum
clamping
voltage
Maximum
reverse
leakage
Part number
Reverse stand-
off voltage (1)
V(BR) @ IT
Peak pulse
current
@ VWM
VWM
IT
@ IPP
IPP
ID
Gull-wing
lead
Modified “J”
bend lead
VOLTS
MIN
MAX
mA
VOLTS
AMPS
µA
SMCG5.0
SMCJ5.0
5.0
6.40
7.30
10
9.6
156.2
1000
SMCG5.0A
SMCJ5.0A
5.0
6.40
7.00
10
9.2
163.0
1000
SMCG6.0
SMCJ6.0
6.0
6.67
8.15
10
11.4
131.6
1000
SMCG6.0A
SMCJ6.0A
6.0
6.67
7.37
10
10.3
145.6
1000
SMCG6.5
SMCJ6.5
6.5
7.22
8.82
10
12.3
122.0
500
SMCG6.5A
SMCJ6.5A
6.5
7.22
7.98
10
11.2
133.9
500
SMCG7.0
SMCJ7.0
7.0
7.78
9.51
10
13.3
112.8
200
SMCG7.0A
SMCJ7.0A
7.0
7.78
8.60
10
12.0
125.0
200
SMCG7.5
SMCJ7.5
7.5
8.33
10.2
1
14.3
104.9
100
SMCG7.5A
SMCJ7.5A
7.5
8.33
9.21
1
12.9
116.3
100
SMCG8.0
SMCJ8.0
8.0
8.89
10.9
1
15.0
100.0
50
SMCG8.0A
SMCJ8.0A
8.0
8.89
9.83
1
13.6
110.3
50
SMCG8.5
SMCJ8.5
8.5
9.44
11.5
1
15.9
94.3
25
SMCG8.5A
SMCJ8.5A
8.5
9.44
10.4
1
14.4
104.2
25
SMCG9.0
SMCJ9.0
9.0
10.0
12.2
1
16.9
88.7
10
SMCG9.0A
SMCJ9.0A
9.0
10.0
11.1
1
15.4
97.4
10
SMCG10
SMCJ10
10
11.1
13.6
1
18.8
79.8
5
SMCG10A
SMCJ10A
10
11.1
12.3
1
17.0
88.2
5
SMCG11
SMCJ11
11
12.2
14.9
1
20.1
74.6
5
SMCG11A
SMCJ11A
11
12.2
13.5
1
18.2
82.4
5
SMCG12
SMCJ12
12
13.3
16.3
1
22.0
68.2
5
SMCG12A
SMCJ12A
12
13.3
14.7
1
19.9
75.3
5
SMCG13
SMCJ13
13
14.4
17.6
1
23.8
63.0
5
SMCG13A
SMCJ13A
13
14.4
15.9
1
21.5
69.7
5
SMCG14
SMCJ14
14
15.6
19.1
1
25.8
58.1
5
SMCG14A
SMCJ14A
14
15.6
17.2
1
23.2
64.7
5
SMCG15
SMCJ15
15
16.7
20.4
1
26.9
55.8
5
SMCG15A
SMCJ15A
15
16.7
18.5
1
24.4
61.5
5
SMCG16
SMCJ16
16
17.8
21.8
1
28.8
52.1
5
SMCG16A
SMCJ16A
16
17.8
19.7
1
26.0
57.7
5
SMCG17
SMCJ17
17
18.9
23.1
1
30.5
49.2
5
SMCG17A
SMCJ17A
17
18.9
20.9
1
27.6
53.3
5
SMCG18
SMCJ18
18
20.0
24.4
1
32.2
46.6
5


Similar Part No. - SMCG14

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG14 GE-SMCG14 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG14 MICROSEMI-SMCG14 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG14 MICROSEMI-SMCG14 Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG14 VISHAY-SMCG14 Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Microsemi Corporation
SMCG14 MICROSEMI-SMCG14 Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
More results

Similar Description - SMCG14

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
   TRANSIENT ABSORPTION ZENER
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
   TRANSIENT ABSORPTION ZENER
PHP84 MICROSEMI-PHP84 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com