Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147096-9 Datasheet(PDF) 84 Page - Tyco Electronics

Part # 8-147096-9
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147096-9 Datasheet(HTML) 84 Page - Tyco Electronics

Back Button 8-147096-9 Datasheet HTML 80Page - Tyco Electronics 8-147096-9 Datasheet HTML 81Page - Tyco Electronics 8-147096-9 Datasheet HTML 82Page - Tyco Electronics 8-147096-9 Datasheet HTML 83Page - Tyco Electronics 8-147096-9 Datasheet HTML 84Page - Tyco Electronics 8-147096-9 Datasheet HTML 85Page - Tyco Electronics 8-147096-9 Datasheet HTML 86Page - Tyco Electronics 8-147096-9 Datasheet HTML 87Page - Tyco Electronics 8-147096-9 Datasheet HTML 88Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
264
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Shielded MT Headers for use with Shielded MT Receptacle Assemblies
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
AMPMODU Right-Angle
Headers PC Board Mounted
Material and Finish
Housing — Black thermoplastic,
flame retardant
Posts — Copper alloy, plated .000030
[0.00076] gold over .000050 [0.00127]
nickel on entire post
Shield — Copper alloy, .020 [0.51]
thick; pretinned .000030 [0.00076] min.
Related Product Data
Mating Connectors — Double-Row
MT Receptacle Assemblies with
Shielding Hardware — pages 256-263
Technical Documents
pages 277, 278
Product Specification
108-25015, 108-25018, 108-25030
Application Specification
114-25032.
Instruction Sheet
408-6532
.460
[11.68]
.550
[13.97]
.125
[3.18]
.025
[0.64]
Sq. Posts
B
A
.755
[19.18]
.290
[7.37]
C
Shield
.030
[0.76]
.318
[8.08]
.135
[3.43]
.434
[11.02]
Right-Angle
Header
A
A
.725
[18.45]
.145±.003
[3.68±0.08]
2 Plc.
.145±.003
[3.68±0.08]
2 Plc.
.100±.003
[2.54±0.08]
.550±.003
[13.97±0.08]
.040±.003
[1.02±0.08]
Dia.
(All holes)
D
±.003
[±0.08]
2D
±.003
[±0.08]
D
±.003
[±0.08]
2D
±.003
[±0.08]
.100±.003
[2.54±0.08]
.050±.003
[1.27±0.08]
Recommended PC Board Hole Layout
for 6, 8 and 10 Positions
Recommended PC Board Hole Layout
for 16 thru 50 Positions
D - Contact centerline is .100 [2.54]; ±.003 [0.08] tolerances
not to accumulate within one connector pattern.
No. of
Dimensions
Header
Shield
Pos.
ABC
Part Nos.
Part Nos.
6
.200 [5.08]
.430 [10.92]
.510 [12.95]
102792-6
102991-1
8
.300 [7.62]
.530 [13.46]
.610 [15.49]
102792-8
102991-2
10
.400 [10.16]
.630 [16.00]
.710 [18.03]
102792-1
102791-2
16
.700 [17.78]
.930 [23.62]
1.010 [25.65]
102792-7
102791-3
18
.800 [20.32]
1.030 [26.16]
1.110 [28.19]
102792-2
102791-4
20
.900 [22.86]
1.130 [28.70]
1.210 [30.73]
102792-5
1-102791-0
26
1.200 [30.48]
1.430 [36.32]
1.510 [38.35]
102792-9
102791-1
50
2.400 [60.96]
2.630 [66.80]
2.710 [68.83]
102792-4
102791-8


Similar Part No. - 8-147096-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 8-147096-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com