Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF11NM50N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF11NM50N
Description  N-channel 500 V, 0.4, 8.5 A MDmesh II Power MOSFET in DPAK, TO-220FP and TO-220
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11NM50N Datasheet(HTML) 5 Page - STMicroelectronics

  STF11NM50N Datasheet HTML 1Page - STMicroelectronics STF11NM50N Datasheet HTML 2Page - STMicroelectronics STF11NM50N Datasheet HTML 3Page - STMicroelectronics STF11NM50N Datasheet HTML 4Page - STMicroelectronics STF11NM50N Datasheet HTML 5Page - STMicroelectronics STF11NM50N Datasheet HTML 6Page - STMicroelectronics STF11NM50N Datasheet HTML 7Page - STMicroelectronics STF11NM50N Datasheet HTML 8Page - STMicroelectronics STF11NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD11NM50N, STF11NM50N, STP11NM50N
Electrical characteristics
Doc ID 17156 Rev 3
5/16
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 250 V, ID = 4.25 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19)
-
8
10
33
10
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
8.5
34
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 8.5 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8.5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 22)
-
230
2.1
18
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8.5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 22)
-
275
2.5
18
ns
µC
A


Similar Part No. - STF11NM50N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF11NM50N ISC-STF11NM50N Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF11NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM50N STMICROELECTRONICS-STD11NM50N Datasheet
663Kb / 16P
   N-channel 500 V, 0.4 廓, 8.5 A MDmesh??II Power MOSFET in DPAK, TO-220FP and TO-220
STD10NM50N STMICROELECTRONICS-STD10NM50N Datasheet
1Mb / 18P
   N-channel 500 V, 0.53 廓, 7 A DPAK, TO-220FP, TO-220 MDmesh??II Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N_08 Datasheet
588Kb / 19P
   N-channel 500 V, 0.29 廓, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
STF19NM50N STMICROELECTRONICS-STF19NM50N Datasheet
715Kb / 15P
   N-channel 500 V, 0.2 ohm, 14 A MDmesh II Power MOSFET in TO-220FP, TO-220 and TO-247
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
   N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com