Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

667S Datasheet(PDF) 6 Page - Mallory performance club

Part # 667S
Description  HYFIRE짰 VII Series Electronic Ignition
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

667S Datasheet(HTML) 6 Page - Mallory performance club

  667S_14 Datasheet HTML 1Page - Mallory performance club 667S_14 Datasheet HTML 2Page - Mallory performance club 667S_14 Datasheet HTML 3Page - Mallory performance club 667S_14 Datasheet HTML 4Page - Mallory performance club 667S_14 Datasheet HTML 5Page - Mallory performance club 667S_14 Datasheet HTML 6Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HYFIRE® VIIC AND VIIS
IGNITION SYSTEMS
Part One: Start Retard
The Mallory HYFIRE® VIIC AND VIIS Ignition Systems both have a built-in start retard feature. This retard is
20 degrees at 100 RPM, and decreases to 0 degrees at 500 RPM. This is a very useful feature which
eases the load on the starter motor when used with vehicles that have crank triggered ignition systems or
distributors with locked advances and 30 or more degrees of timing. However, there are applications
where the start retard is either not needed or not wanted. For example, motors with radical camshaft
profiles, large carbs and timing in the 15 to 25 degree BTDC range (Pro Mod motors, for example) may
experience lean-mixture backfiring during startup if the retard feature is active, especially if the tempera-
ture is colder than usual.
Current production versions of the HYFIRE® VIIC AND VIIS have a yellow wire loop which comes out of the
back of the ignition box. Cutting this loop eliminates the start retard. Earlier versions of the ignition don’t
have this feature, but the start retard can still be shut off. You must either send your ignition in to our service
department for modification, or, if you are attending an NHRA National event, you can bring your ignition to
our race support trailer and have it modified.
TECHNICAL BULLETIN
®
APRIL 26, 2000
Part Two: Function Selection
The instructions for the HYFIRE® VIIC AND VIIS tell the user what each of the different functions do (such as
RPM limiters, timing retards, etc.). The instructions do not explain how to activate the functions.
To activate the functions of the HYFIRE® VIIC AND VIIS, you must apply 12 volts to the appropriate terminal.
Whether the user has a clutch pedal switch, a shifter button, or uses a timer, the auxiliary RPM limiters and the
timing retards need +12 volts to activate them.
CUT YELLOW WIRE LOOP TO
ELIMINATE START RETARD
AFTER CUTTING YELLOW WIRE,
USE SHRINK TUBING TO INSULATE
EXPOSED ENDS
Mallory-Ignition.com
5


Similar Part No. - 667S_14

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
667S MALLORY-667S Datasheet
363Kb / 4P
   VIIS SPORTSMAN CD IGNITION SYSTEM
More results

Similar Description - 667S_14

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
667C MALLORY-667C_14 Datasheet
811Kb / 9P
   HYFIRE짰 VII Series Electronic Ignition
674M MALLORY-674M Datasheet
363Kb / 4P
   HYFIRE짰 VIIS SPORTSMAN CD IGNITION SYSTEM
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
logo
National Semiconductor ...
LM9011 NSC-LM9011 Datasheet
332Kb / 16P
   Electronic Ignition Interface
logo
Allegro MicroSystems
ULQ2460A ALLEGRO-ULQ2460A Datasheet
432Kb / 5P
   ELECTRONIC IGNITION TIMING
logo
Mallory performance clu...
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
685 MALLORY-685 Datasheet
764Kb / 12P
   ELECTRONIC IGNITION CONTROLS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com