Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSZ5233B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMSZ5233B
Description  250 mW ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZ5233B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMSZ5233B Datasheet HTML 1Page - Central Semiconductor Corp CMSZ5233B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
317
R2
C
IZT
MAXIMUM ZENER IMPEDANCE
IR @ VR
QVZ
ZENER VOLTAGE
TEST
CURRENT
TYPE
MARKING
CODE
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS
mA
mA
VOLTS
%/°C
CMSZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
8VC
CMSZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
8WC
CMSZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
8XC
CMSZ5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
8YC
CMSZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
8ZC
CMSZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
1A8
CMSZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
1B8
CMSZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
1C8
CMSZ5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
1D8
CMSZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
1E8
CMSZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
1F8
CMSZ5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
1G8
CMSZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
1H8
CMSZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
1J8
CMSZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
1K8
CMSZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
1L8
CMSZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
1M8
VZ @ IZT
ZZT @ IZT
W
ZZK @ IZK
W
MAXIMUM REVERSE
CURRENT
MAX.
TEMP.
COEFF.
mA
NO
CONNECTION
A
All dimensions in inches (mm).
TOP VIEW


Similar Part No. - CMSZ5233B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZ5233B CENTRAL-CMSZ5233B Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMSZ5233B CENTRAL-CMSZ5233B Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMSZ5233B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
   350 mW ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com