Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ45A Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # SMBJ45A
Description  SURFACE MOUNT 600W TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SMBJ45A Datasheet(HTML) 2 Page - Digitron Semiconductors

  SMBJ45A Datasheet HTML 1Page - Digitron Semiconductors SMBJ45A Datasheet HTML 2Page - Digitron Semiconductors SMBJ45A Datasheet HTML 3Page - Digitron Semiconductors SMBJ45A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SMBJ5.0 – SMBJ170CA
SURFACE MOUNT 600W TVS
SMBG5.0 – SMBG170CA
ELECTRICAL CHARACTERISTICS
Rated
stand-off
voltage
Breakdown voltage
Peak pulse
current
Maximum
standby
current @ VWM
VWM
V(BR)
@I(BR)
Maximum
clamping
voltage @ Ipp
IPP
ID
Volts
Part number
Part number
Volts
Min
Max
mA
Volts
Amps
µA
SMBG14A
SMBJ14A
14
15.6
17.2
1
23.2
25.8
5
SMBG15
SMBJ15
15
16.7
20.4
1
26.9
22.3
5
SMBG15A
SMBJ15A
15
16.7
18.5
1
24.4
24.0
5
SMBG16
SMBJ16
16
17.8
21.8
1
28.8
20.8
5
SMBG16A
SMBJ16A
16
17.8
19.7
1
26.0
23.1
5
SMBG17
SMBJ17
17
18.9
23.1
1
30.5
19.7
5
SMBG17A
SMBJ17A
17
18.9
20.9
1
27.6
21.7
5
SMBG18
SMBJ18
18
20.0
24.4
1
32.2
18.6
5
SMBG18A
SMBJ18A
18
20.0
22.1
1
29.2
20.5
5
SMBG20
SMBJ20
20
22.2
27.1
1
35.8
16.7
5
SMBG20A
SMBJ20A
20
22.2
24.5
1
32.4
18.5
5
SMBG22
SMBJ22
22
24.4
29.8
1
39.4
15.2
5
SMBG22A
SMBJ22A
22
24.4
26.9
1
35.5
16.9
5
SMBG24
SMBJ24
24
26.7
32.6
1
43.0
14.0
5
SMBG24A
SMBJ24A
24
26.7
29.5
1
38.9
15.4
5
SMBG26
SMBJ26
26
28.9
35.3
1
46.6
12.4
5
SMBG26A
SMBJ26A
26
28.9
31.9
1
42.1
14.2
5
SMBG28
SMBJ28
28
31.1
38.0
1
50.0
12.0
5
SMBG28A
SMBJ28A
28
31.1
34.4
1
45.4
13.2
5
SMBG30
SMBJ30
30
33.3
40.7
1
53.5
11.2
5
SMBG30A
SMBJ30A
30
33.3
36.8
1
48.4
12.4
5
SMBG33
SMBJ33
33
36.7
44.9
1
59.0
10.2
5
SMBG33A
SMBJ33A
33
36.7
40.6
1
53.3
11.3
5
SMBG36
SMBJ36
36
40.0
48.9
1
64.3
9.3
5
SMBG36A
SMBJ36A
36
40.0
44.2
1
58.1
10.3
5
SMBG40
SMBJ40
40
44.4
54.3
1
71.4
8.4
5
SMBG40A
SMBJ40A
40
44.4
49.1
1
64.5
9.3
5
SMBG43
SMBJ43
43
47.8
58.4
1
76.7
7.8
5
SMBG43A
SMBJ43A
43
47.8
52.8
1
69.4
8.6
5
SMBG45
SMBJ45
45
50.0
61.1
1
80.3
7.5
5
SMBG45A
SMBJ45A
45
50.0
55.3
1
72.7
8.3
5
SMBG48
SMBJ48
48
53.3
65.1
1
85.5
7.0
5
SMBG48A
SMBJ48A
48
53.3
58.9
1
77.4
7.7
5
SMBG51
SMBJ51
51
56.7
69.3
1
91.1
6.6
5
SMBG51A
SMBJ51A
51
56.7
62.7
1
82.4
7.3
5
SMBG54
SMBJ54
54
60.0
73.3
1
96.3
6.2
5
SMBG54A
SMBJ54A
54
60.0
66.3
1
87.1
6.9
5
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


Similar Part No. - SMBJ45A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ45A LITTELFUSE-SMBJ45A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
SAMYANG ELECTRONICS CO....
SMBJ45A SAMYANG-SMBJ45A Datasheet
1Mb / 4P
   SAMYANG ELECTRONICS
logo
StarHope
SMBJ45A SPSEMI-SMBJ45A Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
logo
Jinan Gude Electronic D...
SMBJ45A JGD-SMBJ45A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ45A SOCAY-SMBJ45A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ45A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
   5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
   TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
   TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
   TVS 14A, 600W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com