Electronic Components Datasheet Search |
|
109L0824H401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
109L0824H401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page 287 80 ±0.5 71.5 ±0.3 25 ±0.5 3.5 ±0.3 3.5 ±0.3 8- φ4.3±0.3 (10) リード線 AWG24 UL1007 風吹出方向 回転方向 取付用穴 +50 300 0 78 71.5 ±0.3 4- φ4.5 φ 87 78 71.5 ±0.3 4- φ4.5 φ 90 ■ Specifications The following nos. have pulse sensors. Model No. Rated Voltage Operating Voltage Range Rated Current Rated Input Rated Speed Max. Air Flow Max. Static Pressure SPL Operating Temperature Expected Life [V][V][A][W][min -1][m³/min][CFM][Pa][inchH²O][dB(A)][℃] [h] 109L0812S401 12 10.2 to 13.8 0.26 3.12 3,400 1.2 42.4 50 0.2 37 − 20 to + 70 100,000 109L0812H401 0.18 2.16 3,000 1.06 37.4 39.2 0.157 32 109L0812F401 0.14 1.68 2,700 0.93 32.8 32.3 0.130 29 109L0812M401 0.1 1.2 2,400 0.83 29.3 26.5 0.106 26 109L0812L401 0.08 0.96 1,900 0.63 22.2 16.7 0.067 22 109L0824S401 24 20.4 to 27.6 0.11 2.64 3,400 1.2 42.4 50 0.2 37 109L0824H401 0.09 2.16 3,000 1.06 37.4 39.2 0.157 32 109L0824F401 0.08 1.92 2,700 0.93 32.8 32.3 0.130 29 109L0824M401 0.07 1.68 2,400 0.83 29.3 26.5 0.106 26 109L0824L401 0.05 1.2 1,900 0.63 22.2 16.7 0.067 22 109L0848H401 48 40.8 to 55.2 0.06 2.88 3,150 1.1 38.8 43.1 0.173 34 Long Life Fan 25mm thick San Ace 80L ■ General Specifications ・Material……………………Frame: Aluminum, Impeller: Plastics (Flammability: UL94V-1) ・Expected Life ……………Refer to specifications(L10:Survival rate:90% at 60℃ , rated voltage, and continuously run in a free air state) ・Lead Wire ………………… red black or blue Sensor yellow ・Storage Temperature …−30℃ to +70℃(Non-condensing) 80×80×25mm 〔Mass:150g〕 Inlet side Outlet side ■ Reference dimension of mounting holes and vent opening(Unit : mm) ■ Dimensions(Unit : mm) Rotating Direction Air Flow Direction Mounting Hole Lead Wire 80mmsq. ・Available options: ⇒ Without Sensor ・Please inquire as the availability of these functions depend on the model. ⇒ Lock Sensor Low speed Sensor |
Similar Part No. - 109L0824H401 |
|
Similar Description - 109L0824H401 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |