Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1658641-3 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1658641-3
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658641-3 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1658641-3 Datasheet HTML 5Page - Tyco Electronics 1658641-3 Datasheet HTML 6Page - Tyco Electronics 1658641-3 Datasheet HTML 7Page - Tyco Electronics 1658641-3 Datasheet HTML 8Page - Tyco Electronics 1658641-3 Datasheet HTML 9Page - Tyco Electronics 1658641-3 Datasheet HTML 10Page - Tyco Electronics 1658641-3 Datasheet HTML 11Page - Tyco Electronics 1658641-3 Datasheet HTML 12Page - Tyco Electronics 1658641-3 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
98
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
Shielded Connector, Preassembled Kit
Designed to meet the
requirements of Local
Area Networking, this
Subminiature D Shielded
Connector Kit is available
with slide latches attached
to the receptacle. The
receptacle is shielded and
covered with a durable
plastic enclosure. This
shielding decreases emis-
sions and provides an
effective EMI/RFI barrier.
Preassembled connector
kits are available in
Subminiature D, shell size 2,
15-position configuration and
accept crimp, snap-in HD-20
contacts. Contacts are avail-
able separately and allow
for selective positioning.
Other sizes and styles can
be made available, consult
TE.
Material and Finish:
Inserts—94V-0 rated nylon, black
Enclosures—Elastomer, styrene poly-
olefin, or PVC, black
Shields and Shells—Carbon steel
per ASTM A109, plated with .000200
[0.00508] min. tin over .000050
[0.00127] min. copper
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Contacts—pages 100, 101
Application Tooling—page 102
Ferrules—page 99
Technical Documents:
Product Specifications—
108-40005, 108-40030, 108-40032
Application Specifications—
114-10000 & 114-40030
Receptacle
Part No. 749246-1
Note: Instruction Sheets for TE
Tooling are packaged with the
tooling. For additional information
call the Tooling Assistance Center:
1-800-722-1111.
Expanding neck,
accommodates cable
from .190-.375
[4.83-9.53] Dia.
1.685 Max.
42.80
Max.
Ferrule, must be
purchased separately, as
required by cable diameter (page 99)


Similar Part No. - 1658641-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

Similar Description - 1658641-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com