Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6120K-2E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 6120K-2E
Description  Thru-Bolts and Mounting Brackets
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

6120K-2E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  6120K-2E Datasheet HTML 1Page - Ohmite Mfg. Co. 6120K-2E Datasheet HTML 2Page - Ohmite Mfg. Co. 6120K-2E Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
W as H ers
One standard screwdriver type adjustable lug is sup-
plied with each unit.
Two types of lugs can be ordered separately: stan-
dard or with a silver contact button; both types are
available with a screwdriver type lug.
Double thumb screw Lug (Part Number 2160E)
The double thumb screw adjustable lug permits
easier adjustment and less chance of damage to
resistance wire. Available for 1.125" cores only.
Metal Centering
Diameter
For max.
For resistors
Part No.
Outer
Inner
screw size (power ratings)
6000E
0.563" 0.313
#10
25, 50, 75 watt
6001E
0.75"
0.5
#10
100 watt
6003E
1.125"
0.75
0.25"
175, 225 watt
Mica insulating
Diameter
For resistors
Part No.
Outer
Inner
(power ratings)
6010E
0.75"
0.625"
25, 50, 75 watt
6011E*
0.75"
0.313"
25, 50, 75 watt
6012E
1"
0.625"
100 watt
6013E*
1"
0.5"
100 watt
6014E
1.25"
0.625"
core 1" O.D. x 0.625" I.D.
6015E*
1.25"
0.625"
core 1" O.D. x 0.625" I.D.
6016E
1.5"
0.625"
175, 225 watt
6017E*
1.5"
0.75"
175, 225 watt
* Use with centering washers.
Resistor core diam.
Standard part numbers
(O.D., in. /
mm)
Standard
Silver
0.313 / 7.94
2115E
2116E
0.563 / 14.3
2121E
2123E
0.750 / 19.05
2125E
2127E
1.125 / 28.58
2133E
2135E
MounTing
Hardware
Mounting Hardware
For 200, 210, 270 and 280 Series
= Most popular Standard values
= Standard values
= Non-Standard values subject to minimum handling charge per item
ad J us Ta B le lugs
FOR 210 SERIES
Thru-Bolts, with centering washers and mica insulat-
ing washers, permit perpendicular mounting of 200,
210 and 270 type resistors to panels up to 0.25"
thick.
Bolt size
For resistors
Part No.
Length
No.
(power rating)
7PA5E
1.75"
8
8 watt
7PA10E
2.5"
8
12 watt
7PA20E
2.75"
8
20 watt
7PA25E
2.75"
10
25 watt
7PA50E
4.75"
10
50 watt
7PA75E
6.75"
10
75 watt
7PA100E
7.313"
10
100 watt
7PA160E
9.5"
0.25"
175 watt
7PA200E
11.5"
0.25"
225 watt
Brackets fit inside cores of 200, 210 and 270 type
resistors and remain in place by spring tension.
Standard brackets are plated steel and have no suffix
to part number. Spring steel brackets are indicated
with an “S” suffix following part number.
Part number
Mtg screw
For resistors
Standard
Spring steel
size (max.)
(power ratings)
5E
5SE
6
8, 12 watt
7E
7SE
6
20 watt
9E
9SE
6
25, 50, 75 watt
12E
12SE
10
100 watt
18E
18SE
10
175, 225 watt
Moun T ing Bracke T s
T H ru BolT s
More detailed information at http://www.ohmite.com/techdata/lug-mounting.php


Similar Part No. - 6120K-2E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
6120 TTELEC-6120 Datasheet
763Kb / 3P
   Hall-effect technology
logo
Heyco.
6120 HEYCO-6120 Datasheet
149Kb / 1P
   Turn-2-Lock Cordset Contacts
logo
Schurter Inc.
6120-3 SCHURTER-6120-3 Datasheet
352Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6120-3 SCHURTER-6120-3 Datasheet
248Kb / 3P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6120-3 SCHURTER-6120-3 Datasheet
271Kb / 3P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
More results

Similar Description - 6120K-2E

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com