Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109W1412H101-U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 109W1412H101-U
Description  Splash Proof Fan San Ace 140W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

109W1412H101-U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  109W1412H101-U Datasheet HTML 1Page - List of Unclassifed Manufacturers 109W1412H101-U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
240
φ1.6
φ1.6
4.3
+0.4
5.5
 0
ー1
ー0.2
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.5
0.6
0.4
0.3
0.2
0.1
0
50
100
150
200
150
100
50
0
123456
13.8V/27.6V/55.2V
12V/24V/48V
10.2V/20.4V/40.8V
109W1412H101-U
109W1424H101-U
109W1448H101-U
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.30
0.25
0.20
0.15
0.10
0.05
0
140
120
100
80
60
40
20
70
60
50
40
30
20
10
0
12
3
4
13.8V/27.6V/55.2V
12V/24V/48V
10.2V/20.4V/40.8V
109W1412M101-U
109W1424M101-U
109W1448M101-U
φ1.6
5.5
0
ー1
φ1.6
4.3 +0.4
ー0.2
M speed
H speed
Inlet side, Outlet side
OptionsUnit : mm
Air Flow - Static Pressure Characteristics
Finger guards
Model:109-719
Surfacetreatment:Nickel-chromeplating(silver)
Color
Air Flow
Air Flow
Model:109-719H
Surfacetreatment:Cationelectropainting(black)
Color
Inlet side, Outlet side


Similar Part No. - 109W1412H101-U

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
109 ALPHAWIRE-109 Datasheet
100Kb / 4P
   Customer Specification
8/26/2022
109 ALPHAWIRE-109 Datasheet
99Kb / 4P
   Customer Specification
11/30/2022
logo
Marl International Limi...
109-000-01-50 MARL-109-000-01-50 Datasheet
216Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
109-000-01-50 MARL-109-000-01-50 Datasheet
227Kb / 2P
   PCB MOUNTING LED
109-000-01-51 MARL-109-000-01-51 Datasheet
216Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 109W1412H101-U

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9WL1412P1A001 SANYODENKI-9WL1412P1A001 Datasheet
289Kb / 5P
   Splash Proof Fan San Ace 140W 9WL type
9WL1412P5G001 SANYODENKI-9WL1412P5G001 Datasheet
270Kb / 5P
   Splash Proof Fan San Ace 140W 9WL type
logo
List of Unclassifed Man...
9WV0948P1H001 ETC2-9WV0948P1H001 Datasheet
122Kb / 2P
   Splash Proof Fan San Ace 92W
logo
SANYO DENKI CO., LTD.
9WPA0612P4G001 SANYODENKI-9WPA0612P4G001 Datasheet
743Kb / 4P
   San Ace 60W Splash Proof Fan
9WPA0812P4G001 SANYODENKI-9WPA0812P4G001 Datasheet
680Kb / 4P
   San Ace 80W Splash Proof Fan
logo
List of Unclassifed Man...
9WV0848P1H001 ETC2-9WV0848P1H001 Datasheet
127Kb / 2P
   Splash Proof Fan San Ace 80W
logo
SANYO DENKI CO., LTD.
9WPA0912P4G001 SANYODENKI-9WPA0912P4G001 Datasheet
679Kb / 4P
   San Ace 92W Splash Proof Fan
9WS0912H401 SANYODENKI-9WS0912H401 Datasheet
206Kb / 2P
   Splash Proof Fan San Ace 92WS
9WP0412H6001 SANYODENKI-9WP0412H6001 Datasheet
145Kb / 2P
   Splash Proof Fan San Ace 40W 9WP type
9WG1212G101-E SANYODENKI-9WG1212G101-E Datasheet
250Kb / 3P
   Splash Proof Fan San Ace 120W 9WG type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com