Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109W1424M101-U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 109W1424M101-U
Description  Splash Proof Fan San Ace 140W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

109W1424M101-U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  109W1424M101-U Datasheet HTML 1Page - List of Unclassifed Manufacturers 109W1424M101-U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
239
(10)
124.5
±0.5
140
±0.8
(250)
8-
φ4.3±0.3
風吹出方向
回転方向
取付用穴
+30
300
0
6
±0.4
6
±0.4
38
±0.5
リード線
AWG24
UL1007
4
±0.2
4
±0.2
φ
150
124.5
±0.3
4-
φ4.5
138
φ
147
124.5
±0.3
4-
φ4.5
138
140mmsq.
DimensionsUnit : mm
Splash Proof Fan
140×140×38mm
Mass650g
38mm thick, 51mm thick(WB type)
San Ace 140W
IP 68
General Specifications
Material……………………Frame: Aluminum, Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specifications (Indoor, L10:Survival rate: 90% at 60,
rated voltage, and continuously run in a free air state)
Lead Wire …………………
red
black or blue Sensor yellow
Storage Temperature …−30to 70℃(Non-condensing
Specifications The following nos. have pulse sensors.
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min]
[CFM][Pa][inchH²O][dB(A)][℃]
[h]
109W1412H101-U
12
10.2 to 13.8
0.73
8.76
2,600
4.5
159
98
0.394
46
20 to 70
100,000
109W1412M101-U
0.3
3.6
1,900
3.3
117
52
0.209
38
109W1424H101-U
24
20.4 to 27.6
0.37
8.88
2,600
4.5
159
98
0.394
46
109W1424M101-U
0.16
3.84
1,900
3.3
117
52
0.209
38
109W1448H101-U
48
40.8 to 55.2
0.2
9.6
2,600
4.6
159
98
0.394
46
109W1448M101-U
0.09
4.32
1,900
3.3
117
52
0.209
38
Inlet side
Outlet side
Reference dimension of mounting holes and vent openingUnit : mm
Rotating Direction
Air Flow Direction
Mounting Hole
Lead Wire
Available options: Without Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor


Similar Part No. - 109W1424M101-U

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
109 ALPHAWIRE-109 Datasheet
100Kb / 4P
   Customer Specification
8/26/2022
109 ALPHAWIRE-109 Datasheet
99Kb / 4P
   Customer Specification
11/30/2022
logo
Marl International Limi...
109-000-01-50 MARL-109-000-01-50 Datasheet
216Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
109-000-01-50 MARL-109-000-01-50 Datasheet
227Kb / 2P
   PCB MOUNTING LED
109-000-01-51 MARL-109-000-01-51 Datasheet
216Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 109W1424M101-U

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9WL1412P1A001 SANYODENKI-9WL1412P1A001 Datasheet
289Kb / 5P
   Splash Proof Fan San Ace 140W 9WL type
9WL1412P5G001 SANYODENKI-9WL1412P5G001 Datasheet
270Kb / 5P
   Splash Proof Fan San Ace 140W 9WL type
logo
List of Unclassifed Man...
9WV0948P1H001 ETC2-9WV0948P1H001 Datasheet
122Kb / 2P
   Splash Proof Fan San Ace 92W
logo
SANYO DENKI CO., LTD.
9WPA0612P4G001 SANYODENKI-9WPA0612P4G001 Datasheet
743Kb / 4P
   San Ace 60W Splash Proof Fan
9WPA0812P4G001 SANYODENKI-9WPA0812P4G001 Datasheet
680Kb / 4P
   San Ace 80W Splash Proof Fan
logo
List of Unclassifed Man...
9WV0848P1H001 ETC2-9WV0848P1H001 Datasheet
127Kb / 2P
   Splash Proof Fan San Ace 80W
logo
SANYO DENKI CO., LTD.
9WPA0912P4G001 SANYODENKI-9WPA0912P4G001 Datasheet
679Kb / 4P
   San Ace 92W Splash Proof Fan
9WS0912H401 SANYODENKI-9WS0912H401 Datasheet
206Kb / 2P
   Splash Proof Fan San Ace 92WS
9WP0412H6001 SANYODENKI-9WP0412H6001 Datasheet
145Kb / 2P
   Splash Proof Fan San Ace 40W 9WP type
9WG1212G101-E SANYODENKI-9WG1212G101-E Datasheet
250Kb / 3P
   Splash Proof Fan San Ace 120W 9WG type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com