Electronic Components Datasheet Search |
|
1571655-5 Datasheet(PDF) 2 Page - Tyco Electronics |
|
1571655-5 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 66 page 91 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors HDP-20 Crimp Snap-In Contact Connectors (Continued) Unshielded Cable Clamps One-Piece Cable Clamp 180°/120° Quik-Snap (pg. 134) Box and Lid Straight/90° Exit (pg. 137) Box and Lid with Male Screw Retainers (pg. 137) Clam Shell Straight/45° Exit (pg. 138) Clam Shell Straight/45° Exit with Male Screw Retainers (pg. 138) Section Contents Plug and Receptacle Connectors . . . . . . . . . . . . . . . . . . . . . 92, 93 Basic Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . . . . . 94, 95 Shielding Hardware Enclosure Kits . . . . . . . . . . . . . . . . . . . 96, 97 Preassembled Shielded Connector Kits . . . . . . . . . . . . . . . . . . 98 Ferrules for Shielding Hardware Kits . . . . . . . . . . . . . . . . . . . . . . 99 Contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100, 101 Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102 ± ± ± ± Shielded Cable Clamps and Shielding Hardware and Enclosure Kits Straight Exit RFI/EMI Shields for Jacketed Cable (pgs. 139, 142) 90° Exit Die Cast RFI/EMI Shields for Jacketed Cable (pg. 142) Basic Shielding Hardware Kits (pgs. 94, 95) Shielding Hardware Enclosure Kits (pgs. 96, 97) Mounting and Mating Hardware Keying Plug (pg. 155) Male Screw Retainers (pgs. 146, 147) Female Screwlocks (pg. 148) Locking Posts and Slide Latches (pgs. 149, 151) Spring Latch, Two-Piece (pg. 152) Latching Blocks (pgs. 153, 154) Standoff Bushings (pg. 155) Product Facts I Shell sizes offer wide choice of contact positions—9, 15, 25, 37 and 50 I Lower cost, commercial version of the military approved series I Tin or zinc plated shells, with or without grounding indents I Crimp snap-in contacts allows loading of only the number of contacts being used I Available with shielding hardware and shielding enclosure kits I Numerous cable clamps and mating hardware options I Low cost, high performance, precision- formed crimp contacts I Machine applied terminations assure highest production rates at lowest applied cost I Intermateable with any size 20 Subminiature D con- nector dimensionally com- plying with MIL-C-24308 I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Listed under Underwriters Laboratories Inc., Standard 1863, Communication Circuit Accessories, File No. E81956 I Certified by Canadian Standards Association, File No. LR 1088108 (LR 7189-207) Contact Retention Features Pin Socket Housing Cutaway Radius lead-in minimizes force needed to insert contact into housing Radius lead-in minimizes force needed to insert contact into housing Generous lead-in to minimize “stubbing“ Contact bearing surface is large and symmetrical Reinforced Ribs R R R |
Similar Part No. - 1571655-5 |
|
Similar Description - 1571655-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |